Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM10 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 26Page - STMicroelectronics STPM10 Datasheet HTML 27Page - STMicroelectronics STPM10 Datasheet HTML 28Page - STMicroelectronics STPM10 Datasheet HTML 29Page - STMicroelectronics STPM10 Datasheet HTML 30Page - STMicroelectronics STPM10 Datasheet HTML 31Page - STMicroelectronics STPM10 Datasheet HTML 32Page - STMicroelectronics STPM10 Datasheet HTML 33Page - STMicroelectronics STPM10 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Theory of operation
STPM10
30/47
DocID17728 Rev 5
Address
Name
Number
of bits
Description(1)
6-bit
binary
DEC
011110
30
011111
31
100000
32
CHP
8
8-bit unsigned data for secondary current channel
calibration. 256 values are possible. When CHS is 0 the
calibrator is at -12.5% of the nominal value. When CHS is
255 the calibrator is at +12.5%. The calibration step is then
0.098%
100001
33
100010
34
100011
35
100100
36
100101
37
100110
38
100111
39
101000
40
101001
41
101010
42
101011
43
101100
44
101101
45
101110
46
101111
47
110000
48
CRC
2
2-bit unsigned data for calibration of RC oscillator (see Table
5: "Absolute maximum ratings")
CRC=0, or CRC=3 cal=0%
CRC=1, cal = +10%
CRC=2, cal = -10%
110001
49
110010
50
1
Reserved
110011
51
1
Reserved
110100
52
1
Reserved
110101
53
CRIT
1
Selection of tamper threshold: CRIT=0: 12,5% / CRIT=1:
6,25%
110110
54
1
Reserved
110111
55
1
Reserved
Notes:
(1)These bits represent the MSB of the decimal value indicated in the description column
As indicated above, the STPM10 includes 56 CFG bits. The CFG bits are not retained
when the STPM10 supply is not available and they are cleared when a POR occurs, but
they are not cleared when a remote reset command (RRR) is sent through SPI. Normally,
some of these bits must be loaded during power-up of the application. From the
microcontroller, it could also reload the configuration and calibration values after power-on
restart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com