Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM10 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 38Page - STMicroelectronics STPM10 Datasheet HTML 39Page - STMicroelectronics STPM10 Datasheet HTML 40Page - STMicroelectronics STPM10 Datasheet HTML 41Page - STMicroelectronics STPM10 Datasheet HTML 42Page - STMicroelectronics STPM10 Datasheet HTML 43Page - STMicroelectronics STPM10 Datasheet HTML 44Page - STMicroelectronics STPM10 Datasheet HTML 45Page - STMicroelectronics STPM10 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Application design
STPM10
42/47
DocID17728 Rev 5
8
Application design
The choice of the external components in the transduction section of the application is a
crucial point in the application design, affecting the precision and the resolution of the
whole system. Among the several considerations, a compromise has to be found between
the following needs:
1. Maximize the signal to noise ratio in the voltage channel
2. Choose the current-to-voltage conversion ratio KS and the voltage divider ratio in a way
that calibration can be achieved (please refer to AN2299)
3. Choose KS to take advantage of the whole current dynamic range according to desired
maximum current and resolution. To maximize the signal to noise ratio of the current
channel the voltage divider resistors ratio should be as close as possible to those shown in
the table below
Table 15: Resistor divider ratio
Function
Component
Parameter
Value
Unit
Line voltage interface
Resistor divider
R to R ratio VRMS = 230 V
1650
V/V
R to R ratio VRMS = 110 V
830
Next figure below shows a reference schematic for an application with the following
properties:
Typical values for the current sensors sensitivity, also used in the reference schematic
below, are shown in the table below.
P = 64000 imp/kWh
INOM = 5 A
IMAX. = 60 A
Table 16: Current channel typical components
Function
Component
Parameter
Value
Unit
Line current interface
Current shunt
Current-to-voltage conversion ratio KS
0.425
mV/A
Current transformer
1.7
Rogowsky coil
0.13
If the device is used in configuration PST = 1, TMP = 1 (primary channel with CT,
secondary channel with shunt), the shunt KS must always be equal to one fourth
of the current transformer KS.
Additional considerations on the application design, suggestions for noise and crosstalk
reduction can be found in the AN2317.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com