Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS2H100 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPS2H100
Description  100 V, 2 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPS2H100_V01 Datasheet HTML 11Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 12Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 13Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 14Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 15Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 16Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 17Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 18Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
Table 10. Document revision history
Date
Version
Changes
Jul-2003
4A
Last update.
Aug-2004
5
SMA package dimensions update. Reference A1 max. changed from 2.70
(0.106 inches) to 2.03 mm (0.080 inches).
08-Feb-2007
6
Reformatted to current standards. Added ECOPACK statement. Added
SMBflat package.
15-Feb-2010
7
Updated weight for SMBflat in Table 9.
24-Jun-2013
8
Added SMAflat package
17-May-2018
9
Removed figure 6.
Updated Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise
specified) and Section Description.
Minor text changes to improve readability.
08-Oct-2019
10
Added Section 2.2 SMA Flat Notch package information.
STPS2H100
DS1452 - Rev 10
page 18/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com