Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC12065-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC12065-Y
Description  Automotive 650 V, 12 A, silicon carbide power Schottky diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12065-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC12065-Y Datasheet HTML 1Page - STMicroelectronics STPSC12065-Y Datasheet HTML 2Page - STMicroelectronics STPSC12065-Y Datasheet HTML 3Page - STMicroelectronics STPSC12065-Y Datasheet HTML 4Page - STMicroelectronics STPSC12065-Y Datasheet HTML 5Page - STMicroelectronics STPSC12065-Y Datasheet HTML 6Page - STMicroelectronics STPSC12065-Y Datasheet HTML 7Page - STMicroelectronics STPSC12065-Y Datasheet HTML 8Page - STMicroelectronics STPSC12065-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
A
K
A
K
K
TO-220AC
K
NC
A
D²PAK
K
K
NC
A
D²PAK HV
A
Product label
Features
•
AEC-Q101 qualified
•
No or negligible reverse recovery
•
Switching behavior independent of temperature
•
Dedicated to PFC applications
•
High forward surge capability
•
PPAP capable
•
Operating Tj from -40 °C to 175 °C
•
VRRM guaranteed from -40 to +175 °C
•
D²PAK HV creepage distance (anode to cathode) = 5.38 mm min. (with top
coating)
•
ECOPACK®2 compliant
Applications
•
On board charger
Description
The SiC diode is an ultra high performance power Schottky diode. It is manufactured
using a silicon carbide substrate. The wide band gap material allows the design of a
Schottky diode structure with a 650 V rating. Due to the Schottky construction, no
recovery is shown at turn-off and ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of temperature.
Especially suited for use in PFC applications, the STPSC12065-Y will boost
performance in hard switching conditions. Its high forward surge capability ensures
good robustness during transient phases.
Product status link
STPSC12065-Y
Product summary
IF(AV)
12 A
VRRM
650 V
Tj (max.)
175 °C
VF (typ.)
1.30 V
Automotive 650 V, 12 A, silicon carbide power Schottky diode
STPSC12065-Y
Datasheet
DS11624 - Rev 4 - December 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC12065-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
450Kb / 9P
Dedicated to PFC applications
10-May-2016
More results

Similar Description - STPSC12065-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20065-Y STMICROELECTRONICS-STPSC20065-Y Datasheet
519Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 1
STPSC6H065BY-TR STMICROELECTRONICS-STPSC6H065BY-TR Datasheet
234Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
13-Mar-2018
STPSC10C065-Y STMICROELECTRONICS-STPSC10C065-Y Datasheet
223Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
24-Sep-2018
STPSC10H065BY-TR STMICROELECTRONICS-STPSC10H065BY-TR Datasheet
236Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
Rev 1 - March 2018
STPSC10065-Y STMICROELECTRONICS-STPSC10065-Y Datasheet
542Kb / 12P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC12065 STMICROELECTRONICS-STPSC12065 Datasheet
440Kb / 14P
650 V, 12 A power Schottky silicon carbide diode
25-Mar-2021
STPSC20H065CWLY STMICROELECTRONICS-STPSC20H065CWLY Datasheet
255Kb / 10P
Automotive 20 A 650 V power Schottky silicon carbide diode
13-Apr-2021
STPSC6C065-Y STMICROELECTRONICS-STPSC6C065-Y Datasheet
182Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
December 2016 Rev 2
STPSC40065C-Y STMICROELECTRONICS-STPSC40065C-Y Datasheet
440Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 2
logo
ON Semiconductor
FFSB1265A ONSEMI-FFSB1265A_V01 Datasheet
293Kb / 6P
Silicon Carbide Schottky Diode 650 V, 12 A
November, 2021 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com