Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC12065-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC12065-Y
Description  Automotive 650 V, 12 A, silicon carbide power Schottky diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12065-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC12065-Y Datasheet HTML 1Page - STMicroelectronics STPSC12065-Y Datasheet HTML 2Page - STMicroelectronics STPSC12065-Y Datasheet HTML 3Page - STMicroelectronics STPSC12065-Y Datasheet HTML 4Page - STMicroelectronics STPSC12065-Y Datasheet HTML 5Page - STMicroelectronics STPSC12065-Y Datasheet HTML 6Page - STMicroelectronics STPSC12065-Y Datasheet HTML 7Page - STMicroelectronics STPSC12065-Y Datasheet HTML 8Page - STMicroelectronics STPSC12065-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage (Tj = -40 °C to +175 °C)
650
V
IF(RMS)
Forward rms current
22
A
IF(AV)
Average forward current
Tc = 145 °C(1), DC
12
A
IFRM
Repetitive peak forward current
Tc =145 °C(1), Tj = 175 °C, δ = 0.1
53
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal, Tc = 25 °C
50
A
tp = 10 ms sinusoidal, Tc = 125 °C
40
tp = 10 µs square, Tc = 25 °C
220
Tstg
Storage temperature range
-55 to +175
°C
Tj
Operating junction temperature
-40 to +175
°C
1. Value based on Rth(j-c) max.
Table 2. Thermal resistance parameters
Symbol
Parameter
Value
Unit
Typ.
Max.
Rth(j-c)
Junction to case
0.85
1.25
°C/W
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR (1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
15
150
µA
Tj = 150 °C
-
200
1000
Tj = 25 °C
VR = 600 V
8
50
VF (2)
Forward voltage drop
Tj = 25 °C
IF = 12 A
-
1.30
1.45
V
Tj = 150 °C
-
1.45
1.65
Tj = 175 °C
-
1.50
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 500 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 1.02 x IF(AV) + 0.065 x IF 2(RMS)
Table 4. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
QCj (1)
Total capacitive charge
VR = 400 V
-
36
-
nC
STPSC12065-Y
Characteristics
DS11624 - Rev 4
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com