Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30L06-Y Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTH30L06-Y
Description  Automotive 600 V, 30 A low drop ultrafast diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30L06-Y Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTH30L06-Y Datasheet HTML 5Page - STMicroelectronics STTH30L06-Y Datasheet HTML 6Page - STMicroelectronics STTH30L06-Y Datasheet HTML 7Page - STMicroelectronics STTH30L06-Y Datasheet HTML 8Page - STMicroelectronics STTH30L06-Y Datasheet HTML 9Page - STMicroelectronics STTH30L06-Y Datasheet HTML 10Page - STMicroelectronics STTH30L06-Y Datasheet HTML 11Page - STMicroelectronics STTH30L06-Y Datasheet HTML 12Page - STMicroelectronics STTH30L06-Y Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Figure 17. DO-247 package min-max drawing
V2
H
F3
F2
F(x2)
G
C
C
//
//
V2
H
F3
F2
F(x2)
G
C
C
//
//
Table 6. DO-247 package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.85
5.15
0.1909
0.2027
D
2.2
2.6
0.0866
0.1023
E
0.4
0.8
0.0157
0.0314
F
1
1.4
0.0393
0.0551
F2
2
0.0787
F3
2
2.4
0.0787
0.0944
G
10.9
0.4291
H
15.45
15.75
0.6082
0.6200
L
19.85
20.15
0.7814
0.7933
L1
3.7
4.3
0.1456
0.1692
L2
18.5
0.7283
L3
14.2
14.8
0.5590
0.5826
L4
34.6
1.3622
L5
5.5
0.2165
M
2
3
0.0787
0.1181
V
5°
5°
V2
60°
60°
Diam.
3.55
3.65
0.1397
0.1437
STTH30L06-Y
DO-247 package information
DS7255 - Rev 3
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com