Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30RQ06-Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH30RQ06-Y
Description  Automotive turbo 2 ultrafast high voltage rectifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30RQ06-Y Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STTH30RQ06-Y Datasheet HTML 2Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 3Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 4Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 5Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 6Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 7Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 8Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 9Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
2.1
DO-247 package information
•
Epoxy meets UL94, V0
•
Cooling method: by conduction (C)
•
Recommended torque value: 0.8 N·m (DO-247)
•
Maximum torque value: 1.0 N·m (DO-247)
Figure 15. DO-247 package outline
V
H
L5
L
L3
V2
G
F
F3
L1
F2
L2
L4
V
Dia
A
D
M
E
0.10
STTH30RQ06-Y
Package information
DS12165 - Rev 3
page 6/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com