Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30RQ06-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH30RQ06-Y
Description  Automotive turbo 2 ultrafast high voltage rectifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30RQ06-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH30RQ06-Y Datasheet HTML 1Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 2Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 3Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 4Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 5Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 6Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 7Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 8Page - STMicroelectronics STTH30RQ06-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
K
A
TO-220AC
K
A
K
D²PAK HV
K
NC
A
DO-247
K
A
D²PAK
K
NC
A
K
A
Features
•
AEC-Q101 qualified
•
High junction temperature capability
•
Ultrafast with soft recovery behavior
•
Low reverse current
•
Low thermal resistance
•
Reduce switching and conduction losses
•
PPAP capable
•
D²PAK HV creepage distance (anode to cathode) = 5.38 mm min. (with top
coating)
•
VRRM guaranteed from -40 °C to 175 °C
•
ECOPACK®2 compliant (DO-247, TO-220AC)
Applications
•
Output rectification
•
PFC
•
UPS
•
Air conditioning
•
Charging station
Description
The STTH30RQ06-Y has been developed to be used in application requiring a high-
voltage secondary rectification for LLC Full Bridge topology.
It is also suited for use in switching power supplies and automotive applications,
industrial applications, as rectification, freewheeling and clamping diode.
Product status link
STTH30RQ06-Y
Product summary
IF(AV)
30 A
VRRM
600 V
VF (typ.)
1.45 V
trr (max.)
30 ns
Tj
-40 °C to +175 °C
Automotive turbo 2 ultrafast high voltage rectifier
STTH30RQ06-Y
Datasheet
DS12165 - Rev 3 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH30RQ06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH30RQ06 STMICROELECTRONICS-STTH30RQ06 Datasheet
628Kb / 20P
600 V, 30 A ultrafast high voltage rectifier
March 2020
STTH30RQ06L2 STMICROELECTRONICS-STTH30RQ06L2 Datasheet
460Kb / 12P
600 V, 30 A ultrafast high voltage rectifier
03-Dec-2021
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
More results

Similar Description - STTH30RQ06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
Automotive turbo 2 ultrafast high voltage rectifier
12-Dec-2014
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
Automotive turbo 2 ultrafast high voltage rectifier
05-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com