Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUSB1602 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STUSB1602_V01 Datasheet HTML 5Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 6Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 7Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 8Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 9Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 10Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 11Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 12Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
3.2.1
BMC interface behavior
When a connection is established on the STUSB1602 (any attached state), the CC line used for connection is
also internally connected to BMC block which allows the communication on this line.
The CC line is primary managed by CC control logic. BMC communication on the CC line must not interact with
this control logic, as driving times of the line are short and are related to denounce times of the CC logic.
BMC block handles BMC encoding and decoding. It also handles CC line activity detection, discharging the
external MCU of such operations.
The default state of the BMC block is to listen to the line (RX mode). TX mode is enabled only by assertion of the
TX_EN signal via the external MCU.
3.2.2
TX mode
When the TX_EN signal is asserted via MCU, BMC block goes to the TX state:
NSS signal is driven low, indicating to the SPI/MSP slave interface of the MCU that data are being
transmitted on the CC line. MCU provides the data
The STUSB1602 drives the NSS signal low, informing SPI/MSP slave interface of the MCU that data are
requested on the MISO line
The STUSB1602 clocks the SCLK signal
MCU presents data to be transmitted on the MISO line and data are sampled on the rising edge of SCLK
(data must be stable on this edge)
Sampled data (from MISO line) are encoded by the BMC, and the resulting values drive the CC line
according to USB PD standard
When all data are transmitted, MCU drives the TX_EN pin low, and lists the end of transmission. The STUSB1602
ends transmission with a corresponding trailing edge termination. It then goes back into to default state and
releases the CC line from the BMC driver to the pull-up/pull-down CC line interfaces.
3.2.3
RX mode
RX mode is the default state of the BMC interface.
In this mode, the receiver listens to the connected CC line. It does not interface with the CC line interfaces or the
CC control logic.
When all data are detected and received on the CC line, according to the activity described in the USB Power
Delivery Standard, the BMC interface:
Drives NSS signal low
Outputs the clock on the SCLK signal which is recovered from the BMC signal
Outputs recovered data (from the BMC signal) on the MOSI line to the connected MCU. Data are valid on
the SCLK falling edge and are sampled on this edge by the SPI/MSP interface of MCU
When no more data are detected on the CC line, the NSS goes back to “high” which is its default state. This
informs the MCU that no more activity is present on the bus.
3.3
VBUS power path control
3.3.1
VBUS monitoring
The VBUS monitoring block supervises from the VBUS_SENSE pin the VBUS voltage on the USB Type-C
receptacle side.
It is used to check that the VBUS is within a valid voltage range:
To establish a valid source-to-sink connection according to USB Type-C standard specifications
To safely enable the VBUS power path through the VBUS_EN_SRC pin or VBUS_EN_SNK pin depending
on the power role.
STUSB1602
VBUS power path control
DS11254 - Rev 5
page 9/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com