Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP30238H Datasheet(PDF) 2 Page - CUI INC

Part # CP30238H
Description  PELTIER MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP30238H Datasheet(HTML) 2 Page - CUI INC

  CP30238H Datasheet HTML 1Page - CUI INC CP30238H Datasheet HTML 2Page - CUI INC CP30238H Datasheet HTML 3Page - CUI INC CP30238H Datasheet HTML 4Page - CUI INC CP30238H Datasheet HTML 5Page - CUI INC CP30238H Datasheet HTML 6Page - CUI INC CP30238H Datasheet HTML 7Page - CUI INC CP30238H Datasheet HTML 8Page - CUI INC CP30238H Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
date 10/18/2019
│ page 2 of 9
CUI Devices
│ SERIES: CP30H │ DESCRIPTION: PELTIER MODULE
cuidevices.com
COLD SIDE
HOT SIDE
0.05
0.05
THICKNESS
COLD SIDE
Black (-)
Red (+)
WIDTH
LENGTH
100.0 5.0
10.0 3.0
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
solder melting temperature
connection between thermoelectric pairs
235
°C
assembly compression
1
MPa
RoHS
yes
MECHANICAL DRAWING
units: mm
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads (CP30444)
20 AWG
tin
wire leads (all other
models)
22 AWG
tin
sealer
silicon rubber 703 RTV (between
cold and hot side plates)
joint cover
silicon rubber 703 RTV
marking
P/N & S/N printed on cold side
surface
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP30138H
15 ±0.3
15 ±0.3
3.8 ±0.025
CP30238H
20 ±0.3
20 ±0.3
3.8 ±0.025
CP30239H
20 ±0.3
20 ±0.3
3.9 ±0.1
CP30301538H
30 ±0.3
15 ±0.3
3.8 ±0.025
CP303385H
30 ±0.3
30 ±0.3
3.85 ±0.02
CP30444
40 ±0.3
40 ±0.3
4.4 ±0.1
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com