Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP30238H Datasheet(PDF) 1 Page - CUI INC

Part # CP30238H
Description  PELTIER MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP30238H Datasheet(HTML) 1 Page - CUI INC

  CP30238H Datasheet HTML 1Page - CUI INC CP30238H Datasheet HTML 2Page - CUI INC CP30238H Datasheet HTML 3Page - CUI INC CP30238H Datasheet HTML 4Page - CUI INC CP30238H Datasheet HTML 5Page - CUI INC CP30238H Datasheet HTML 6Page - CUI INC CP30238H Datasheet HTML 7Page - CUI INC CP30238H Datasheet HTML 8Page - CUI INC CP30238H Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
date 10/18/2019
page 1 of 9
SERIES: CP30H
│ DESCRIPTION: PELTIER MODULE
cuidevices.com
FEATURES
• arcTEC™ structure on select models
• enhanced reliability for high thermal cycling
• superior thermal performance
• silicon sealed
• wide ΔT max
• low profile
• precise temperature control
• solid state construction
MODEL
input
voltage1
input
current2
internal
resistance3
output
Qmax4
output
∆Tmax5
max
(Vdc)
max
(A)
typ
(Ω±10%)
T
h=27°C
(W)
T
h=50°C
(W)
T
h=27°C
(°C)
T
h=50°C
(°C)
CP30138H
3.8
3.0
1.0
7.3
8.0
70
77
CP30238H
8.8
3.0
2.20
16.6
18.0
70
77
CP30239H
6.0
3.0
1.5
10.3
11.3
70
77
CP30301538H
7.6
3.0
1.95
14.7
16.1
70
77
CP303385H6
15.7
3.0
4.0
29.8
32.5
70
77
CP304446
19.5
3.0
4.8
34
37
70
77
Notes:
1. Maximum voltage at ΔT max and T
h=27°C
2. Maximum current to achieve ΔT max
3. Measured by AC 4-terminal method at 25°C
4. Maximum heat absorbed at cold side occurs at I
max, Vmax, and ∆T=0°C
5. Maximum temperature difference occurs at I
max, Vmax, and Q=0W (ΔT max measured in a vacuum at 1.3 Pa)
6. Designed with arcTEC™ structure.
Additional Resources: Product Page | 3D Model


Similar Part No. - CP30238H

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP30238H CUI-CP30238H Datasheet
625Kb / 6P
PELTIER MODULE
CP30238H CUI-CP30238H Datasheet
626Kb / 6P
PELTIER MODULE
logo
CUI Devices
CP30238H CUID-CP30238H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
More results

Similar Description - CP30238H

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP60H CUI-CP60H Datasheet
946Kb / 10P
PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
PELTIER MODULE
11/17/2020
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com