Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFBC40ASPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFBC40ASPBF
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFBC40ASPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFBC40ASPBF Datasheet HTML 1Page - Vishay Siliconix IRFBC40ASPBF Datasheet HTML 2Page - Vishay Siliconix IRFBC40ASPBF Datasheet HTML 3Page - Vishay Siliconix IRFBC40ASPBF Datasheet HTML 4Page - Vishay Siliconix IRFBC40ASPBF Datasheet HTML 5Page - Vishay Siliconix IRFBC40ASPBF Datasheet HTML 6Page - Vishay Siliconix IRFBC40ASPBF Datasheet HTML 7Page - Vishay Siliconix IRFBC40ASPBF Datasheet HTML 8Page - Vishay Siliconix IRFBC40ASPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFBC40AS, SiHFBC40AS
www.vishay.com
Vishay Siliconix
S21-0943-Rev. E, 20-Sep-2021
1
Document Number: 91113
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
FEATURES
• Low gate charge Qg results in simple drive
requirement
• Improved gate, avalanche and dynamic dV/dt
ruggedness
• Fully characterized capacitance and avalanche
voltage and current
• Effective Coss specified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
APPLICATIONS
• Switch mode power supply (SMPS)
• Uninterruptible power supply
• High speed power switching
TYPICAL SMPS TOPOLOGIES
• Single transistor forward
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
b. Starting TJ = 25 °C, L = 29.6 mH, Rg = 25 , IAS = 6.2 A (see fig. 12)
c. ISD  6.2 A, dI/dt  88 A/μs, VDD  VDS, TJ  150 °C
d. 1.6 mm from case
e. Uses IRFBC40A, SiHFBC40A data and test conditions
PRODUCT SUMMARY
VDS (V)
600
RDS(on) ()VGS = 10 V
1.2
Qg max. (nC)
42
Qgs (nC)
10
Qgd (nC)
20
Configuration
Single
N-Channel MOSFET
G
D
S
G D
S
D2PAK (TO-263)
Available
Available
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
D2PAK (TO-263)
Lead (Pb)-free and halogen-free
SiHFBC40AS-GE3
SiHFBC40ASTRL-GE3 a
SiHFBC40ASTRR-GE3 a
Lead (Pb)-free
IRFBC40ASPbF
IRFBC40ASTRLPbF a
IRFBC40ASTRRPbF a
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
600
V
Gate-source voltage
VGS
± 30
Continuous drain current e
VGS at 10 V
TC = 25 °C
ID
6.2
A
TC = 100 °C
3.9
Pulsed drain current a, e
IDM
25
Linear derating factor
1.0
W/°C
Single pulse avalanche energy b
EAS
570
mJ
Repetitive avalanche current a
IAR
6.2
A
Repetitive avalanche energy a
EAR
13
mJ
Maximum power dissipation
TC = 25 °C
PD
125
W
Peak diode recovery dV/dt c, e
dV/dt
6.0
V/ns
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature) d
for 10 s
300


Similar Part No. - IRFBC40ASPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBC40ASPBF IRF-IRFBC40ASPBF Datasheet
594Kb / 9P
HEXFET POWER MOSFET
logo
Vishay Siliconix
IRFBC40ASPBF VISHAY-IRFBC40ASPBF Datasheet
342Kb / 8P
Power MOSFET
23-Jun-08
More results

Similar Description - IRFBC40ASPBF

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com