Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC58NH84C3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC58NH84C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC58NH84C3 Datasheet HTML 3Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 4Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 5Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 6Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 7Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 8Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 9Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 10Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 147 page
background image
DS12304 Rev 5
7/147
SPC58EHx, SPC58NHx
Description
16
2
Description
The SPC58EHx, SPC58NHx microcontroller belongs to a family of devices superseding the
SPC58x family. SPC58EHx, SPC58NHx builds on the legacy of the SPC5x family, while
introducing new features coupled with higher throughput to provide substantial reduction of
cost per feature and significant power and performance improvement (MIPS per mW).
2.1
Device feature summary
Table 2
lists a summary of major features for the SPC58EHx, SPC58NHx device. The
feature column represents a combination of module names and capabilities of certain
modules. A detailed description of the functionality provided by each on-chip module is
given later in this document.
Table 2. Features list
Feature
Description
SPC58 family
40 nm
Processing shell
Number of Cores
2
Number of checker cores
1
Local RAM
32 KB Instruction
64 KB Data
Single Precision Floating Point
Yes
SIMD (LSP)
Yes
VLE
Yes
Cache
16 KB Instruction
8 KB Data
Streaming shell
Number of Cores
1
Number of checker cores
0
Local RAM
32 KB Instruction
64 KB Data
Single Precision Floating Point
Yes
SIMD (LSP)
Yes
VLE
Yes
Cache
16 KB Instruction
8 KB Data
Other
Security (HSM Module)
up to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com