Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC58NH84C3 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPC58NH84C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C3 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPC58NH84C3 Datasheet HTML 15Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 16Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 17Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 18Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 19Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 20Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 21Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 22Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 147 page
background image
DS12304 Rev 5
19/147
SPC58EHx, SPC58NHx
Electrical characteristics
21
4.2
Absolute maximum ratings
Table 4
describes the maximum ratings for the device. Absolute maximum ratings are stress
ratings only, and functional operation at the maxima is not guaranteed. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Stress beyond the listed maxima, even momentarily, may affect device reliability or cause
permanent damage to the device.
Table 4. Absolute maximum ratings
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VDD_LV
SR
D
Core voltage
operating life
range(1)
—
–0.3
—
1.4
V
VDD_HV_IO_MAIN
VDD_HV_OSC
VDD_HV_FLA
VDD_HV_IO_EMMC
VDD_HV_IO_ETH0
VDD_HV_IO_ETH1
SR
D
I/O supply
voltage(2)
—
–0.3
—
6.0
V
VSS_HV_ADV
SR
D
ADC ground
voltage
Reference to
digital ground
–0.3
—
0.3
V
VDD_HV_ADV
SR
D
ADC Supply
voltage(2)
Reference to
VSS_HV_ADV
–0.3
—
6.0
V
VSS_HV_ADR_S
SR
D
SAR ADC
ground
reference
—
–0.3
—
0.3
V
VDD_HV_ADR_S
SR
D
SAR ADC
voltage
reference(2)
Reference to
VSS_HV_ADR_S
–0.3
—
6.0
V
VSS-VSS_HV_ADR_S
SR
D
VSS_HV_ADR_S
differential
voltage
—
–0.3
—
0.3
V
VSS-VSS_HV_ADV
SR
D
VSS_HV_ADV
differential
voltage
—
–0.3
—
0.3
V
VIN
SR
D
I/O input voltage
range(2)(3) (4)
—
–0.3
—
6.0
V
Relative to Vss
–0.3
—
—
Relative to
VDD_HV_IO and
VDD_HV_ADV
——
0.3
TTRIN
SR
D
Digital Input pad
transition time(5)
——
—
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com