Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2991IDSGR Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2991IDSGR
Description  OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2991IDSGR Datasheet(HTML) 75 Page - Texas Instruments

Back Button OPA2991IDSGR Datasheet HTML 70Page - Texas Instruments OPA2991IDSGR Datasheet HTML 71Page - Texas Instruments OPA2991IDSGR Datasheet HTML 72Page - Texas Instruments OPA2991IDSGR Datasheet HTML 73Page - Texas Instruments OPA2991IDSGR Datasheet HTML 74Page - Texas Instruments OPA2991IDSGR Datasheet HTML 75Page - Texas Instruments OPA2991IDSGR Datasheet HTML 76Page - Texas Instruments OPA2991IDSGR Datasheet HTML 77Page - Texas Instruments OPA2991IDSGR Datasheet HTML 78Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 75 / 78 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
PACKAGE OUTLINE
4220584/A 05/2019
www.ti.com
X2QFN - 0.4 mm max height
PLASTIC QUAD FLAT PACK- NO LEAD
RUC0014A
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
PIN 1 INDEX AREA
2.1
1.9
2.1
1.9
0.4 MAX
0.05
0.00
SEATING PLANE
C
PIN 1 ID
(45
oX0.1)
2X 0.4
8X 0.4
1.6
14X
0.25
0.15
14X
0.5
0.3
1
5
6
7
8
12
13
14
(0.15) TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com