Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L100RC Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32L100RC
Description  Ultra-low-power 32b MCU ARM®-based Cortex®-M3, 256KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L100RC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32L100RC Datasheet HTML 6Page - STMicroelectronics STM32L100RC Datasheet HTML 7Page - STMicroelectronics STM32L100RC Datasheet HTML 8Page - STMicroelectronics STM32L100RC Datasheet HTML 9Page - STMicroelectronics STM32L100RC Datasheet HTML 10Page - STMicroelectronics STM32L100RC Datasheet HTML 11Page - STMicroelectronics STM32L100RC Datasheet HTML 12Page - STMicroelectronics STM32L100RC Datasheet HTML 13Page - STMicroelectronics STM32L100RC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
Description
STM32L100RC
10/106
DocID024995 Rev 5
2.1
Device overview
2.2
Ultra-low-power device continuum
The ultra-low-power family offers a large choice of cores and features. From proprietary 8-
bit to up to Cortex-M3, including the Cortex-M0+, the STM32Lx series are the best choice to
answer the user needs, in terms of ultra-low-power features. The STM32 ultra-low-power
series are the best fit, for instance, for gas/water meter, keyboard/mouse or fitness and
healthcare, wearable applications. Several built-in features like LCD drivers, dual-bank
Table 1. Ultra-low-power STM32L100RC device features and peripheral counts
Peripheral
STM32L100RC
Flash (Kbytes)
256
Data EEPROM (Kbytes)
4
RAM (Kbytes)
16
16-bit
Timers
General-
purpose
6
Basic
2
Communica
tion
interfaces
SPI
8(3)(1)
1. 5 SPIs are USART configured in synchronous mode emulating SPI master.
I2S
2
I2C
2
USART
3
USB
1
GPIOs
51
12-bit synchronized ADC
Number of channels
1
20
12-bit DAC
Number total of channels
2
2
LCD
COM x SEG
4x32
or 8x28
Comparators
2
Max. CPU frequency
32 MHz
Operating voltage
1.8 V to 3.6 V
Operating temperatures
Ambient operating temperature: -40 °C to 85 °C / -40 °C to 105 °C
Junction temperature: –40 to + 110 °C
Package
LQFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com