Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151RE Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32L151RE
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M3 with 512KB Flash, 80KB SRAM, 16KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RE Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32L151RE Datasheet HTML 128Page - STMicroelectronics STM32L151RE Datasheet HTML 129Page - STMicroelectronics STM32L151RE Datasheet HTML 130Page - STMicroelectronics STM32L151RE Datasheet HTML 131Page - STMicroelectronics STM32L151RE Datasheet HTML 132Page - STMicroelectronics STM32L151RE Datasheet HTML 133Page - STMicroelectronics STM32L151RE Datasheet HTML 134Page - STMicroelectronics STM32L151RE Datasheet HTML 135Page - STMicroelectronics STM32L151RE Datasheet HTML 136Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 132 / 136 page
background image
Ordering information
STM32L151xE STM32L152xE
132/136
DS10002 Rev 10
8
Ordering information
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, contact the nearest ST sales office.
Table 72. STM32L151xE and STM32L152xE Ordering information scheme
Example:
STM32
L 151 R E
T
6
D TR
Device family
STM32 = Arm-based 32-bit microcontroller
Product type
L = Low-power
Device subfamily
151: Devices without LCD
152: Devices with LCD
Pin count
R = 64 pins
V = 100/104 pins
Z = 144 pins
Q = 132 pins
Flash memory size
E= 512 Kbytes of Flash memory
Package
H = BGA
T = LQFP
Y = WLCSP104
Temperature range
6 = Industrial temperature range, –40 to 85 °C
7 = Industrial temperature range, –40 to 105 °C
Options
No character = VDD range: 1.8 to 3.6 V and BOR enabled
D = VDD range: 1.65 to 3.6 V and BOR disabled
Packing
TR = tape and reel
No character = tray or tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com