Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151RE Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32L151RE
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M3 with 512KB Flash, 80KB SRAM, 16KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RE Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32L151RE Datasheet HTML 128Page - STMicroelectronics STM32L151RE Datasheet HTML 129Page - STMicroelectronics STM32L151RE Datasheet HTML 130Page - STMicroelectronics STM32L151RE Datasheet HTML 131Page - STMicroelectronics STM32L151RE Datasheet HTML 132Page - STMicroelectronics STM32L151RE Datasheet HTML 133Page - STMicroelectronics STM32L151RE Datasheet HTML 134Page - STMicroelectronics STM32L151RE Datasheet HTML 135Page - STMicroelectronics STM32L151RE Datasheet HTML 136Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 134 / 136 page
background image
Revision History
STM32L151xE STM32L152xE
134/136
DS10002 Rev 10
27-Apr-2015
7
Updated Section 7: Package information structure: Paragraph titles
and paragraph heading level.
Updated Section : LQFP144 is a 144-pin 20 x 20 mm, low-profile quad
flat package. removing gate mark in Figure 45 and adding text for
device orientation versus pin1 identifier.
Updated Section : LQFP100 is a 100-pin, 14 x 14 mm, low-profile quad
flat package. removing gate mark in Figure 36 and adding note for
device orientation versus pin 1 identifier.
Updated Section 7: Package information for all other package device
marking adding text in for device orientation versus pin 1 or ball A1
identifier.
Added Figure 38: WLCSP104 recommended footprint and Table 68:
WLCSP104 recommended PCB design rules.
Updated Table 8: STM32L151xE and STM32L152xE pin definitions
ADC inputs.
Updated Table 16: Embedded internal reference voltage temperature
coefficient at 100ppm/°C.
and table footnote 3: “guaranteed by design” changed by “guaranteed
by characterization results”.
Updated Table 63: Comparator 2 characteristics new maximum
threshold voltage temperature coefficient at 100ppm/°C.
09-Feb-2016
8
Updated cover page putting eight SPIs in the peripheral
communication interface list.
Updated Table 2: Ultra-low-power STM32L151xE and STM32L152xE
device features and peripheral counts SPI and I2S lines.
Updated Table 39: ESD absolute maximum ratings CDM class II by
class C3 and C4 depending of the package.
Updated all the notes, removing ‘not tested in production’.
Updated Table 10: Voltage characteristics adding note about VREF-
pin.
Updated Table 5: Functionalities depending on the working mode (from
Run/active down to standby) LSI and LSE functionalities putting “Y” in
Standby mode.
Table 73. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com