Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151RE Datasheet(PDF) 133 Page - STMicroelectronics

Part # STM32L151RE
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M3 with 512KB Flash, 80KB SRAM, 16KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RE Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32L151RE Datasheet HTML 128Page - STMicroelectronics STM32L151RE Datasheet HTML 129Page - STMicroelectronics STM32L151RE Datasheet HTML 130Page - STMicroelectronics STM32L151RE Datasheet HTML 131Page - STMicroelectronics STM32L151RE Datasheet HTML 132Page - STMicroelectronics STM32L151RE Datasheet HTML 133Page - STMicroelectronics STM32L151RE Datasheet HTML 134Page - STMicroelectronics STM32L151RE Datasheet HTML 135Page - STMicroelectronics STM32L151RE Datasheet HTML 136Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 133 / 136 page
background image
DS10002 Rev 10
133/136
STM32L151xE STM32L152xE
Revision History
135
9
Revision History
Table 73. Document revision history
Date
Revision
Changes
31-Oct-2013
1
Initial release.
19-Feb-2014
2
Added Input Voltage in Table 13: General operating conditions.
Updated: Section 2.2: Ultra-low-power device continuum, Table 21:
Current consumption in Low-power sleep mode, Table 20: Current
consumption in Low-power run mode, Table 36: Flash memory and
data EEPROM endurance and retention,
Updated Ultra-Low-power Feature inside Cover Page
Updated Table 56: ADC accuracy, Table 37: EMS characteristics,
Table 38: EMI characteristics, Table 39: ESD absolute maximum
ratings, Table 42: I/O static characteristics, Table 45: NRST pin
characteristics. Added WLCSP104 recommended footprint for
package WLCSP104, removed figures “Power supply and reference
decoupling (VREF+ not connected to VDDA) and “Power supply and
reference decoupling (VREF+ connected to VDDA). Updated current
consumption values.
21-Feb-2014
3
Ultra low power features modification inside Cover page. Updated
Table 5: Functionalities depending on the working mode (from
Run/active down to standby), Table 58: DAC characteristics
16-May-2014
4
Updated IIO in Table 11: Current characteristics.
Removed note 4 in Table 61: Temperature sensor characteristics.
Added Table 41: UFBGA132 recommended footprint..
Modified pins F9 for WLCSP104 package inside Table 8:
STM32L151xE and STM32L152xE pin definitions
13-Oct-2014
5
Updated Section 3.17: Communication interfaces putting I2S
characteristics inside.
Updated DMIPS features in cover page and Section 2: Description.
Updated max temperature at 105°C instead of 85°C in the whole
datasheet.
Updated current consumption in Table 19: Current consumption in
Sleep mode.
Updated Table 24: Peripheral current consumption with new measured
current values.
Updated Table 57: Maximum source impedance RAIN max adding note
2.
10-Feb-2015
6
Updated Section 7: Package information with new package device
marking.
Updated Figure 8: Memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com