Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R95 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 26Page - STMicroelectronics ST25R95 Datasheet HTML 27Page - STMicroelectronics ST25R95 Datasheet HTML 28Page - STMicroelectronics ST25R95 Datasheet HTML 29Page - STMicroelectronics ST25R95 Datasheet HTML 30Page - STMicroelectronics ST25R95 Datasheet HTML 31Page - STMicroelectronics ST25R95 Datasheet HTML 32Page - STMicroelectronics ST25R95 Datasheet HTML 33Page - STMicroelectronics ST25R95 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
Parameter
Description
Enter control
These two bytes (EnterCtrlL and EnterCtrlH) define the resources when entering WFE mode (see
Table 27. Ener, WU, and Leave Control resource configuration).
Recommended values:
•
0x0400: Hibernate
•
0x0100: Sleep (or 0x2100 if Timer source is enabled)
•
0x0142: Sleep (if Field detector source is enabled)
•
0xA200: Tag detector calibration
•
0x2100: Tag detection
WU control
These two bytes (WuCtrlL and WuCtrlH) define the wake-up resources (see Table 27. Ener, WU, and Leave
Control resource configuration).
•
0x0400: Hibernate
•
0x3800: Sleep/Field detector
•
0xB801: Tag detector calibration
•
0x3801: Tag detection
Leave control
These two bytes (LeaveCtrlL and LeaveCtrlH) define the resources when returning to Ready state (see
Table 27. Ener, WU, and Leave Control resource configuration).
Recommended values:
•
0x1800: Hibernate
•
0x1800: Sleep/Field detector
•
0x1800: Tag detector calibration
•
0x1800: Tag detection
WU period
This byte is the coefficient used to adjust the time allowed between two tag detections. Also used to specify
the duration before Timeout (Typical value: 0x20).
Duration before Timeout = 256 * tL * (WU period + 2) * (MaxSleep + 1)
Osc start
This byte defines the delay for HFO stabilization (recommended value: 0x60).
Defines the Wait time for HFO to stabilize:
<OscStart> * tL
DAC start
This byte defines the delay for DAC stabilization. (Recommended value: 0x60)
Defines the Wait time for DAC to stabilize:
<DacStart> * tL
DAC data
These two bytes (DacDataL and DacDataH) define the lower and higher comparator values, respectively.
These values are determined by a calibration process.
When using the demonstration board these values should be set to approximately 0x64 and 0x74,
respectively.
Swing count
This byte defines the number of HF swings allowed during Tag detection. (Recommended value: 0x3F)
Max sleep
This byte defines the maximum number of tag detection trials or the coefficient to adjust the maximum
inactivity duration before Timeout.
MaxSleep must be: 0x00 < MaxSleep < 0x1F
This value must be set to
0x01 during tag detection calibration.
Also used to specify duration before Timeout.
Duration before Timeout = 256 * tL * (WU period + 2) * (MaxSleep + 1) (Typical value: 0x28)
ST25R95
Idle command (0x07) description
DS12807 - Rev 4
page 30/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com