Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R95 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 31Page - STMicroelectronics ST25R95 Datasheet HTML 32Page - STMicroelectronics ST25R95 Datasheet HTML 33Page - STMicroelectronics ST25R95 Datasheet HTML 34Page - STMicroelectronics ST25R95 Datasheet HTML 35Page - STMicroelectronics ST25R95 Datasheet HTML 36Page - STMicroelectronics ST25R95 Datasheet HTML 37Page - STMicroelectronics ST25R95 Datasheet HTML 38Page - STMicroelectronics ST25R95 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
5.11
Write Register (WrReg) command (0x09) description
The Write Register (WrReg) command (0x09) is used to:
set the Analog Register Configuration address index value before reading or overwriting the Analog Register
Configuration register (ARC_B) value
set the Analog Register Configuration register (ACC_A) value
bits [7:6] are ST reserved and must be set to ‘0’
bits [5:4] set the demodulator sensitivity (‘00’ = AM 10% or ‘10’ = AM 100%)
bits [3:0] set the Load modulation index (‘0001’ = minimum load modulation, ‘0111’ = default value,
‘1111’ = maximum load modulation). The user can adjust this value to better fit its application.
set the Timer window (TimerW) value used to improve ST25R95 demodulation when communicating with
ISO/IEC 14443 Type A tags
set the AutoDetect Filter used to help synchronization of ST25R95 with FeliCa™ tags
configure the HF2RF bit
Note:
When the HF2RF bit is ‘0’, Reader mode is possible (default mode). When set to ‘1’, VPS_TX power
consumption is reduced (Ready mode).
5.11.1
Improving RF performance
Adjusting the Modulation Index and Receiver Gain parameters in reader mode or the Load modulation index and
Demodulator sensitivity parameters in card emulation mode can help to improve application behavior.
Modulation index and receiver gain parameters for reader mode
The default values of these parameters (Table 35. ARC_B default code for available reader protocols) are set by
the ProtocolSelect command, but they can be overwritten using the Write Register (WrReg) command (0x09).
Table 31. Possible modulation index values and Table 32. Possible receiver gain values list possible values for the
Modulation Index and Receiver Gain parameters, respectively.
This new configuration is valid until a new ProtocolSelect or Write Register (of register ARC_B) command is
executed. Register values are cleared at power off.
Table 29. WrReg command description (Modulation index and receiver gain)
Direction
Data
Comments
Example
Host to ST25R95
0x09
Command code
>>>0x090468010113
Update ARC_B value to 0x13
>>>0x0903680001
Set Analog Register Index to 0x01 (ARC_B)(1)
0x03 or
0x04
Length of data
0x68
Analog Register Configuration address index
0x00 or
0x01
Flag Increment address or not after Write
command
0x01
Index pointing to the Modulation Index and
Receiver Gain values in the ARC_B register
(0x01) (see Section 5.11.1 Improving RF
performance)
0xXX
New value for Modulation Index and Receiver
Gain nibbles (see Section 5.11.1 Improving
RF performance)
ST25R95 to Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data
1. This command must be executed before reading the ARC_B register (
0x0803690100).
ST25R95
Write Register (WrReg) command (0x09) description
DS12807 - Rev 4
page 35/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com