Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9012DQU Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE9012DQU
Description  Li-ion battery monitoring and balancing IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9012DQU Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE9012DQU Datasheet HTML 3Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 4Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 5Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 6Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 7Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 8Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 9Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 10Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
Pin Symbol Pin type Function
14
TMP3
IO
Temperature sensor 3. If not used connect pin to GND. If TMP3 is disabled, the pin
can be used as 0 to 2 V auxiliary ADC miscellaneous pin.
15
GND
GND
Local GND of CSC (cell supervision circuit) device
16
TMP2
IO
Temperature sensor 2. If not used connect pin to GND. If TMP2 is disabled, the pin
can be used as 0 to 2 V auxiliary ADC miscellaneous pin.
17
TMP1
IO
Temperature sensor 1. If not used connect pin to GND. If TMP1 is disabled, the pin
can be used as 0 to 2 V auxiliary ADC miscellaneous pin.
18
TMP0
IO
Temperature sensor 0. If not used connect pin to GND. If TMP0 is disabled, the pin
can be used as 0 to 2 V auxiliary ADC miscellaneous pin.
19
TMP_GN
D
IO
Temperature sensor reference. This pin can be connected to local GND.
20
PWM1
IO
PWM output channel 1. This pin also has a general purpose input/output function.
If not used connect pin to GND.
21
PWM0
IO
PWM output channel 0. This pin also has a general purpose input/output function.
If not used connect pin to GND.
22
GND
GND
Local GND of CSC device (cell supervision circuit).
23
IFL_L
D_I / O
Lower isolated UART (iso UART) L pin.
24
IFL_H
D_I / O
Lower isolated UART (iso UART) H pin.
25
IFH_H
D_I / O
Upper isolated UART (iso UART) H pin.
26
IFH_L
D_I / O
Upper isolated UART (iso UART) L pin.
27
VDDC
Supply
Buffer capacitor pin for internal iso UART supply.
28
GPIO0 /
UART_LS
D_I / O
General-purpose input/output channel 0. This pin also has the function of
UART_LS. If not used connect pin to GND.
29
GPIO1 /
UART_HS
D_I / O
General-purpose input/output channel 1. This pin also has the function of
UART_HS. If not used connect pin to GND.
30
VIO
S
Supply for GPIO interface.
31
VREGOU
T
S
Output pin for the internal regulator.
32
n.c.
n.c.
Not connected. Connect to GND in application.
33
ERR
HV_D_O Error output to microcontroller; open drain PMOS connected to VS. If not used,
leave unconnected.
34
VS
S
Supply pin of internal regulator VVREGOUT.
35
U12P
S
Positive supply pin. Connect to positive terminal of topmost cell in block. Input for
the sleep regulator.
36
U12
A_I
Cell voltage measurement channel 11, positive terminal (most upper cell in the
block).
37
G11
A_I / O
Cell-balancing channel 11.
38
U11
A_I
Cell voltage measurement channel 11, negative terminal (positive terminal of cell
10).
TLE9012DQU
Li-ion battery monitoring and balancing IC
2 Pin configuration
Datasheet
7
Rev. 1.0
2022-01-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com