Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951411 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS951411
Description  System Clock Chip for ATI RS400 P4TM-based Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951411 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS951411 Datasheet HTML 1Page - Integrated Circuit Systems ICS951411 Datasheet HTML 2Page - Integrated Circuit Systems ICS951411 Datasheet HTML 3Page - Integrated Circuit Systems ICS951411 Datasheet HTML 4Page - Integrated Circuit Systems ICS951411 Datasheet HTML 5Page - Integrated Circuit Systems ICS951411 Datasheet HTML 6Page - Integrated Circuit Systems ICS951411 Datasheet HTML 7Page - Integrated Circuit Systems ICS951411 Datasheet HTML 8Page - Integrated Circuit Systems ICS951411 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS951411
0891E—03/07/05
Pin Description (Continued)
PIN #
PIN NAME
PIN
TYPE
DESCRIPTION
29
ATIGCLKC0
OUT Complementary clock of differential SRC clock pair.
30
ATIGCLKT0
OUT True clock of differential SRC clock pair.
31
GNDATI
PWR Ground for ATI Gclocks, nominal 3.3V
32
VDDATI
PWR Power supply ATI Gclocks, nominal 3.3V
33
SRCCLKC0
OUT Complement clock of differential SRC clock pair.
34
SRCCLKT0
OUT True clock of differential SRC clock pair.
35
VDDSRC
PWR Supply for SRC clocks, 3.3V nominal
36
GNDSRC
PWR Ground pin for the SRC outputs
37
IREF
OUT
This pin establishes the reference current for the differential current-mode
output pairs. This pin requires a fixed precision resistor tied to ground in order
to establish the appropriate current. 475 ohms is the standard value.
38
GNDA
PWR Ground pin for the PLL core.
39
VDDA
PWR 3.3V power for the PLL core.
40
CPUCLKC2_ITP
OUT
Complementary clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
41
CPUCLKT2_ITP
OUT
True clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
42
CPUCLKC1
OUT
Complementary clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
43
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
44
GNDCPU
PWR Ground pin for the CPU outputs
45
VDDCPU
PWR Supply for CPU clocks, 3.3V nominal
46
CPUCLKC0
OUT
Complementary clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
47
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
48
*CPU_STOP#
IN
Stops all CPUCLK, except those set to be free running clocks
49
GNDPCI
PWR Ground pin for the PCI outputs
50
**CK410#/PCICLK0
I/O
FS Table select latch input pin / 3.3V PCI clock output.
0 = CK410 FS Table, 1 = CK409 FS Table
51
VDDPCI
PWR Power supply for PCI clocks, nominal 3.3V
52
**TEST_SEL/REF2
I/O
TEST_SEL: latched input to select TEST MODE / 14.318 MHz reference clock.
1 = All outputs are CK410 REF/N test mode
0 = All outputs behave normally.
53
**FS_B/REF1
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
54
**FS_A/REF0
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
55
GND
PWR Ground pin.
56
VDDREF
PWR Ref, XTAL power supply, nominal 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com