Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951411 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS951411
Description  System Clock Chip for ATI RS400 P4TM-based Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951411 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS951411 Datasheet HTML 1Page - Integrated Circuit Systems ICS951411 Datasheet HTML 2Page - Integrated Circuit Systems ICS951411 Datasheet HTML 3Page - Integrated Circuit Systems ICS951411 Datasheet HTML 4Page - Integrated Circuit Systems ICS951411 Datasheet HTML 5Page - Integrated Circuit Systems ICS951411 Datasheet HTML 6Page - Integrated Circuit Systems ICS951411 Datasheet HTML 7Page - Integrated Circuit Systems ICS951411 Datasheet HTML 8Page - Integrated Circuit Systems ICS951411 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS951411
0891E—03/07/05
ICS951411 provides a single-chip clocking solution for the ATI RS400-based systems using the latest Intel P4 processors.
ICS951411 is driven with a 14.318MHz crystal. It generates CPU outputs up to 400MHz and also provides highly accurate
SRC clocks for PCI Express support. Two Clock Request pins are provided for Express-Card
TM support.
General Description
Block Diagram
Power Groups
MAIN PLL
PCICLK0
CONTROL
LOGIC
XTAL
OSC.
CPUCLK(2:0)
FIXED PLL
USB_48MHz
DIVIDER
DIVIDERS
REF(2:0)
SRCCLK(7:3,0)
CLKREQA#
SDATA
SCLK
CLKREQB#
X1
X2
IREF
FS(C:A)
CPU_STOP#
VTT_PWRGD#/PD
ATIGCLK(1:0)
CK410#
VDD
GND
56
55
Xtal, REF
51
49
PCICLK output
45
44
CPUCLK Outputs
14, 21, 35 15, 20, 26, 36
SRCCLK outputs
32
31
ATIGCLK outputs
39
38
Analog, CPU PLL
3
5
USB_48MHz output
Pin Number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com