Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8526ACCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV8526ACCZ-R7
Description  1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8526ACCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADMV8526ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Data Sheet
ADMV8526
1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Digitally tunable, octave, band-pass tuning
3 dB bandwidth: 9% ± 2%
Rejection (20 dB): 16% away from fCENTER
Single chip replacement for discrete filter banks
Compact 10 mm × 10 mm × 1.99 mm LGA package
APPLICATIONS
Land mobile radios
Test and measurement equipment
Military radars and electronic warfare and electronic counter-
measures
Satellite communications
Industrial and medical equipment
GENERAL DESCRIPTION
The ADMV8526 is an RF band-pass filter that features a digitally
selectable frequency of operation. The filter center frequency (fCEN-
TER) can be adjusted from 1.25 GHz to 2.60 GHz, using an 8-bit
value (256 states) that incorporates a patent pending interpolation
technique.
The typical 3 dB bandwidth is 9% and adjustability is ±2%. Insertion
loss is typically 4 dB, and the 20 dB rejection is 16% away from
fCENTER, which is ideally suited for minimizing system interferers.
This tunable filter can be used as a smaller alternative to large
switched filter banks and discrete component-based tunable filters,
and this device provides a dynamically adjustable solution in ad-
vanced communications applications.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.


Similar Part No. - ADMV8526ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV8502 AD-ADMV8502 Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8502-EVALZ AD-ADMV8502-EVALZ Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8502ACCZ AD-ADMV8502ACCZ Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8502ACCZ-R7 AD-ADMV8502ACCZ-R7 Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8505 AD-ADMV8505 Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
More results

Similar Description - ADMV8526ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC890LP5E_1007 HITTITE-HMC890LP5E_1007 Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
HMC899 HITTITE-HMC899 Datasheet
907Kb / 8P
FILTER - TUNABLE, BAND PASS 19 - 38 GHz
logo
Analog Devices
HMC890ALP5E AD-HMC890ALP5E Datasheet
486Kb / 11P
1.0 GHz to 1.9 GHz Tunable Band-Pass Filter
8/2018-Revision 0
HMC891ALP5E AD-HMC891ALP5E Datasheet
546Kb / 11P
1.95 GHz to 3.4 GHz, Tunable Band-Pass Filter
9/2018-Revision 0
ADMV8818 AD-ADMV8818 Datasheet
998Kb / 36P
2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
12/2020-Revision 0
ADMV8416 AD-ADMV8416 Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8420 AD-ADMV8420 Datasheet
494Kb / 14P
10 GHz to 21.7 GHz, Tunable Band-Pass Filter
10/2020-Rev. A to Rev. B
ADMV8432 AD-ADMV8432 Datasheet
587Kb / 17P
15.1 GHz to 32 GHz, Tunable Band-Pass Filter
3/2021-Rev. 0 to Rev. A
ADMV8818-EP AD-ADMV8818-EP Datasheet
1Mb / 36P
2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
5/2021-Rev. 0 to Rev. A
ADMV8440CHIPS AD-ADMV8440CHIPS Datasheet
662Kb / 14P
20 GHz to 40 GHz, Tunable Band-Pass Filter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com