Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8526ACCZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMV8526ACCZ-R7
Description  1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8526ACCZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMV8526ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet
ADMV8526
THEORY OF OPERATION
analog.com
Rev. 0 | 11 of 31
MODE SELECTION
The ADMV8526 has two modes of operation: SPI write and SPI fast
latch. SPI write mode is the normal operating mode, whereas SPI
fast latch mode is used to sequence through the on-chip lookup
table (LUT) using the internal state machine. To select SPI write
mode, set the SFL pin low. For operation in SPI fast latch mode,
program the on-chip lookup table and fast latch parameters with the
SFL pin low, and then bring the SFL pin high to enter this mode.
Figure 20 shows a simplified representation of the SPI with the
register map and internal state machine.
Figure 20. Simplified SPI Diagram
SPI WRITE MODE
SPI write mode has a write grouping (WR) in Register 0x020
through Register 0x022. The grouping consists of the following:
fCENTER load value
Bandwidth load value
Match load value
See the Register Details section more information regarding the
write grouping.
SPI STREAMING
In general, there are two types of SPI streaming transactions, Endi-
an register ascending order and descending order. The ADMV8526
supports only the ascending order. To enable SPI streaming with
Endian register ascending order, program Register 0x000 to value
0x3C.
For SPI streaming to the write grouping, Register 0x020 to
Register 0x022 (recommended), the transaction points to
Register 0x020 and streams out 3 bytes of data. The transaction is
40 bits in total (R/W bit + 15 bits address + 24 bits data).
For SPI streaming to the lookup table, Register 0x100 to
Register 0x15F (recommended), the transaction points to
Register 0x100 and streams out 96 bytes of data. The transaction is
784 bits in total (R/W bit + 15 bits address + 768 bits data).
INTERPOLATION FUNCTIONS
The ADMV8526 has three interpolation functions that allow the
user to specify the fCENTER of the filter only using the fCENTER load
value, and then the appropriate capacitor codes are determined
automatically. To enable these functions, set the INTERPOLATE bit
(Register 0x050) high. Figure 21 shows a simplified diagram of the
interpolation functions.
Figure 21. Interpolation Diagram
When the interpolation functions are enabled, the fCENTER load
range is 0 to 255, where 0 corresponds to the lowest frequency, and
255 corresponds to the highest frequency. For example, a value of
0 corresponds to approximately 1.25 GHz, and 255 corresponds
to approximately 2.6 GHz. The fCENTER load value is used to
determine the appropriate capacitor codes based on the on-chip
interpolation coefficients.
By default, the recommended interpolation coefficients are set for
nominal 9% bandwidth. The interpolation coefficients can be adjust-
ed between ± 2% of nominal bandwidth with reasonable insertion
loss. Narrower bandwidth down to approximately 5% can also be
achieved at the expense of insertion loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com