Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR167DP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIR167DP
Description  P-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR167DP Datasheet(HTML) 7 Page - Vishay Siliconix

  SIR167DP Datasheet HTML 1Page - Vishay Siliconix SIR167DP Datasheet HTML 2Page - Vishay Siliconix SIR167DP Datasheet HTML 3Page - Vishay Siliconix SIR167DP Datasheet HTML 4Page - Vishay Siliconix SIR167DP Datasheet HTML 5Page - Vishay Siliconix SIR167DP Datasheet HTML 6Page - Vishay Siliconix SIR167DP Datasheet HTML 7Page - Vishay Siliconix SIR167DP Datasheet HTML 8Page - Vishay Siliconix SIR167DP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revison: 13-Feb-17
1
Document Number: 71655
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® SO-8, (Single/Dual)
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.97
1.04
1.12
0.038
0.041
0.044
A1
-
0.05
0
-
0.002
b
0.33
0.41
0.51
0.013
0.016
0.020
c
0.23
0.28
0.33
0.009
0.011
0.013
D
5.05
5.15
5.26
0.199
0.203
0.207
D1
4.80
4.90
5.00
0.189
0.193
0.197
D2
3.56
3.76
3.91
0.140
0.148
0.154
D3
1.32
1.50
1.68
0.052
0.059
0.066
D4
0.57 typ.
0.0225 typ.
D5
3.98 typ.
0.157 typ.
E
6.05
6.15
6.25
0.238
0.242
0.246
E1
5.79
5.89
5.99
0.228
0.232
0.236
E2
3.48
3.66
3.84
0.137
0.144
0.151
E3
3.68
3.78
3.91
0.145
0.149
0.154
E4
0.75 typ.
0.030 typ.
e
1.27 BSC
0.050 BSC
K
1.27 typ.
0.050 typ.
K1
0.56
-
-
0.022
-
-
H
0.51
0.61
0.71
0.020
0.024
0.028
L
0.51
0.61
0.71
0.020
0.024
0.028
L1
0.06
0.13
0.20
0.002
0.005
0.008
0°
-
12°
0°
-
12°
W
0.15
0.25
0.36
0.006
0.010
0.014
M
0.125 typ.
0.005 typ.
ECN: S17-0173-Rev. L, 13-Feb-17
DWG: 5881
3. Dimensions exclusive of mold flash and cutting burrs.
1.
Notes
2
Inch will govern.
Dimensions exclusive of mold gate burrs.
Backside View of Single Pad
Backside View of Dual Pad
Detail Z
D
D1
D2
θ
θ
E1
E2
1
2
3
4
H
4
3
2
1
1
2
3
4
L
Z
A1
K
E
W
L1
E3
E4
E4
K
L
H
E2
E3
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com