Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCN2-S Datasheet(PDF) 2 Page - CUI INC

Part # PCN2-S
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCN2-S Datasheet(HTML) 2 Page - CUI INC

  PCN2-S Datasheet HTML 1Page - CUI INC PCN2-S Datasheet HTML 2Page - CUI INC PCN2-S Datasheet HTML 3Page - CUI INC PCN2-S Datasheet HTML 4Page - CUI INC PCN2-S Datasheet HTML 5Page - CUI INC PCN2-S Datasheet HTML 6Page - CUI INC PCN2-S Datasheet HTML 7Page - CUI INC PCN2-S Datasheet HTML 8Page - CUI INC PCN2-S Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
cui.com
date 07/09/2021
│ page 2 of 10
CUI Inc
│ SERIES: PCN2-S │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
5 Vdc input models
12 Vdc input models
24 Vdc input models
4.5
10.8
21.6
5
12
24
5.5
13.2
26.4
Vdc
Vdc
Vdc
surge voltage
for maximum of 100 ms
5 Vdc input models
12 Vdc input models
24 Vdc input models
9
18
30
Vdc
Vdc
Vdc
current
5 Vdc input models
12 Vdc input models
24 Vdc input models
500
210
110
mA
mA
mA
filter
capacitive
input reverse polarity protection no
input fuse
1 A time delay fuse for 5 Vdc input models (recommended)
500 mA time delay fuse for 12 Vdc input models (recommended)
250 mA time delay fuse for 24 Vdc input models (recommended)
Notes:
1. Required to add a 2.2 µF (5 & 12 Vdc input models) or 10 µF (24 Vdc input models) ceramic capacitor to the input to reduce input voltage stress.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
at full load
470
μF
voltage accuracy
±3.0
%
line regulation
1.0% change in input voltage
±1.2
%
load regulation
from full load to 20% load
±10
%
switching frequency
at nominal Vin, full load
80
kHz
temperature coefficient
±0.05
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
momentary
1
s
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
1,000
Vdc
isolation resistance
input to output
1,000
MΩ
isolation capacitance
input to output
15
pF
conducted emissions
EN 55022 Class A & Class B (external circuit required,
see Figure 4)
MTBF
as per MIL-HDBK-217F, full load, GB, 25°C
3,300,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
100
°C
storage temperature
-55
125
°C
operating humidity
non-condensing
95
%
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com