Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCN2-S Datasheet(PDF) 8 Page - CUI INC

Part # PCN2-S
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCN2-S Datasheet(HTML) 8 Page - CUI INC

Back Button PCN2-S Datasheet HTML 2Page - CUI INC PCN2-S Datasheet HTML 3Page - CUI INC PCN2-S Datasheet HTML 4Page - CUI INC PCN2-S Datasheet HTML 5Page - CUI INC PCN2-S Datasheet HTML 6Page - CUI INC PCN2-S Datasheet HTML 7Page - CUI INC PCN2-S Datasheet HTML 8Page - CUI INC PCN2-S Datasheet HTML 9Page - CUI INC PCN2-S Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
cui.com
date 07/09/2021
│ page 8 of 10
CUI Inc
│ SERIES: PCN2-S │ DESCRIPTION: DC-DC CONVERTER
TEST CONFIGURATIONS
Input Ripple Current & Output Noise
Table 1
Input
Voltage
(Vdc)
L1
C1
C2
5
12 µH
2.2 µF tantalum capacitor
NC
12
12 µH
2.2 µF tantalum capacitor
NC
24
12 µH
10 µF ceramic capacitor
NC
Figure 2 Measuring Output Ripple &
Noise for Single Output Models
Figure 1 Measuring Input
Ripple Current
Figure 3 Measuring Output Ripple &
Noise for Dual Output Models
Table 2
Input
Voltage
(Vdc)
Cin
5
2.2 µF ceramic capacitor
12
2.2 µF ceramic capacitor
24
10 µF ceramic capacitor
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com