Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-0482 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDMP-0482
Description  Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0482 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDMP-0482 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Agilent HDMP-0482
Octal Cell Port Bypass Circuit
with CDR and Data Valid Detection
Data Sheet
Description
The HDMP-0482 is an Octal Cell
Port Bypass Circuit (PBC) with
Clock and Data Recovery (CDR)
and data valid detection capabil-
ity included. This device mini-
mizes part count, cost and jitter
accumulation while repeating
incoming signals. Port Bypass
Circuits are used in hard disk
arrays constructed in Fibre
Channel Arbitrated Loop
(FC-AL) configurations. By using
Port Bypass Circuits, hard disks
may be pulled out or swapped
while other disks in the array are
available to the system.
A Port Bypass Circuit (PBC)
consists of multiple 2:1 multiplex-
ers daisy chained along with a
CDR. Each port has two modes of
operation: “disk in loop” and
“disk bypassed”. When the “disk
in loop” mode is selected, the loop
goes into and out of the disk drive
at that port. For example, data
goes from the HDMP-0482’s
TO_NODE[n]
± differential output
pins to the Disk Drive Transceiver
IC’s (e.g. an HDMP-1636A) Rx
±
differential input pins. Data from
the Disk Drive Transceiver IC’s
Tx
± differential outputs goes to
Features
• Supports 1.0625 GBd fibre channel
operation
• Supports 1.25 GBd Gigabit Ethernet
(GE) operation
• Octal cell PBC/CDR in one package
• CDR location determined by choice
of cable input/output
• Amplitude valid detection on
FM_NODE[7] input
• Data valid detection on
FM_NODE[0] input
– Run length violation detection
– Comma detection
– Configurable for both single-
frame and multi-frame detection
• Equalizers on all inputs
• High speed LVPECL I/O
• Buffered Line Logic (BLL) outputs
(no external bias resistors
required)
• 1.09 W typical power at Vcc=3.3V
• 64 Pin, 14 mm, low cost plastic QFP
package
Applications
• RAID, JBOD, BTS cabinets
• Four 2:1 muxes
• Four 1:2 buffers
• 1 = > N gigabit serial buffer
• N = > 1 gigabit serial mux
the HDMP-0482’s FM_NODE[n]
±
differential input pins. When the
“disk bypassed” mode is selected,
the disk drive is either absent or
non-functional and the loop
bypasses the hard disk.
The “disk bypassed” mode is
enabled by pulling the BYPASS[n]-
pin low. Leave BYPASS[n]-
floating to enable the “disk in
loop” mode. HDMP-0482’s may be
cascaded with other members of
the HDMP-04XX/HDMP-05XX
family through the FM_NODE and
TO_NODE pins to accommodate
any number of hard disks. The
unused cells in this PBC may be
bypassed by using pulldown
resistors on the BYPASS[n]- pins
for these cells.
An HDMP-0482 may also be used
as eight 1:1 buffers, one with a
CDR and seven without. For
example, an HDMP-0482 may be
placed in front of a CMOS ASIC
to clean the jitter of the outgoing
signal (CDR path) and to better
read the incoming signal (non-
CDR path). In addition, the
HDMP-0482 may be configured as
four 2:1 multiplexers or as four
1:2 buffers.
HDMP-0482
CAUTION: As with all semiconductor ICs, it is advised that normal static precautions
be taken in the handling and assembly of this component to prevent damage and/or
degradation which may be induced by electrostatic discharge (ESD).


Similar Part No. - HDMP-0482

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0480 HP-HDMP-0480 Datasheet
121Kb / 11P
Octal Cell Port Bypass Circuit without Clock and Data Recovery
More results

Similar Description - HDMP-0482

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL788J HP-HCPL788J Datasheet
258Kb / 20P
Isolation Amplifier with Short Circuit and Overload Detection
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
Quad Port Bypass Circuit
logo
List of Unclassifed Man...
HDMP-0552 ETC1-HDMP-0552 Datasheet
266Kb / 12P
AGILENT HDMP-0552 QUAD PORT BYPASS CIRCUIT WITH CDR AND DATA VALID DETECTION
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
logo
List of Unclassifed Man...
MN1871675 ETC1-MN1871675 Datasheet
33Kb / 2P
REMOTE CONTROL DATA DETECTION CIRCUIT BUILT-IN
logo
Agilent(Hewlett-Packard...
HDMP-0480 HP-HDMP-0480 Datasheet
121Kb / 11P
Octal Cell Port Bypass Circuit without Clock and Data Recovery
HDMP-0422 HP-HDMP-0422 Datasheet
242Kb / 14P
Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
552Kb / 20P
Isolation Amplifier with Short Circuit and Overload Detection
ACPL-785J AVAGO-ACPL-785J Datasheet
609Kb / 20P
Isolation Amplifier with Short Circuit and Overload Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com