Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-0482 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HDMP-0482
Description  Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0482 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HDMP-0482 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 9. HS_OUT and HS_IN Simplified Circuit Schematic.
Note: FM_NODE[n] inputs should never be connected to ground as permanent damage to the device may result.
Figure 8. O_LVTTL and I_LVTTL Simplified Circuit Schematic.
ESD
Protection
ESD
Protection
GND
GND
GND
Vcc
Vcc
O-LVTTL
Vcc
I-LVTTL
Vbb
1.4V
ESD
Protection
GND
GND
GND
GND
TO_NODE[n]-
75 Ohms
VCC
VCC
VCC
TO_NODE[n]+
ZO = 75
Ω
HS_OUT
HS_IN
VCCHS
ESD
Protection
FM_NODE[n]-
FM_NODE[n]+
ZO = 75
Ω
2 * ZO = 150Ω
0.01
µF
0.01
µF
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com