Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48E70 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT48E70
Description  I/O Type 8-Bit MTP MCU With EEPROM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48E70 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT48E70 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
HT48E70
Rev. 1.00
13
September 16, 2005
· All of the I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialization and the WDT overflow per-
forms a
²warm reset². After the TO and PDF flags are
examined, the reason for chip reset can be determined.
The PDF flag is cleared by system power-up or execut-
ing the
²CLR WDT² instruction and is set when execut-
ing the
²HALT² instruction. The TO flag is set if the WDT
time-out occurs, and causes a wake-up that only resets
the Program Counter and SP; the others remain in their
original status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake-up the
device by options. Awakening from an I/O port stimulus,
the program will resume execution of the next instruc-
tion. If it awakens from an interrupt, two sequence may
occur. If the related interrupt is disabled or the interrupt
is enabled but the stack is full, the program will resume
execution at the next instruction. If the interrupt is en-
abled and the stack is not full, the regular interrupt re-
sponse takes place. If an interrupt request flag is set to
²1² before entering the HALT mode, the wake-up func-
tion of the related interrupt will be disabled. Once a
wake-up event occurs, it takes 1024 tSYS (system clock
period) to resume normal operation. In other words, a
dummy period will be inserted after a wake-up. If the
wake-up results from an interrupt acknowledge signal,
the actual interrupt subroutine execution will be delayed
by one or more cycles. If the wake-up results in the next
instruction execution, this will be executed immediately
after the dummy period is finished.
To minimize power consumption, all the I/O pins should
be carefully managed before entering the HALT status.
Reset
There are three ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
The WDT time-out reset during HALT mode is different
from other chip reset conditions, since it can perform a
²warm reset² that resets only the Program Counter and
SP, leaving the other circuits in their original state. Some
registers remain unchanged during other reset condi-
tions. Most registers are reset to the
²initial condition²
when the reset conditions are met. By examining the
PDF and TO flags, the program can distinguish be-
tween different
²chip resets².
TO PDF
RESET Conditions
0
0
RES reset during power-on
u
u
RES reset during normal operation
0
1
RES wake-up from HALT mode
1u
WDT time-out reset during normal opera-
tion
1
1
WDT wake-up from HALT mode
Note:
²u² stands for ²unchanged²
To guarantee that the system oscillator is started and
stabilized, the SST (System Start-up Timer) provides an
extra-delay of 1024 system clock pulses when the sys-
tem reset (power-up, WDT time-out or RES reset) or the
system awakes from the HALT state.
When a system reset occurs, the SST delay is added
during the reset period. Any wake-up from HALT will en-
able the SST delay.
R E S
V D D
1 0 0 k W
1 0 k W
0 . 1 m F *
0 . 0 1 m F *
Reset Circuit
Note:
²*² Make the length of the wiring, which is con-
nected to the RES pin as short as possible, to
avoid noise interference.
W a r m R e s e t
W D T
H A L T
C o l d
R e s e t
R E S
S y s t e m R e s e t
S S T
1 0 - b i t R i p p l e
C o u n t e r
O S C 1
Reset Configuration
t S S T
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com