Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48E70 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48E70
Description  I/O Type 8-Bit MTP MCU With EEPROM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48E70 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48E70 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48E70 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
HT48E70
Rev. 1.00
21
September 16, 2005
ERAL
The ERAL instruction erases the entire 256
´8 memory
cells to a logical
²1² state in the programming enable
mode. After the erase-all instruction set has been is-
sued, the data erase feature is activated by a falling
edge of CS. Since the internal auto-timing generator
provides all timing signal for the erase-all operation, so
the SK clock is not required. During the internal erase-all
operation, we can verify the busy/ready status if CS is
high. The DO will remain low but when the operation is
over, the DO will return to high and further instruction
can be executed.
WRAL
The WRAL instruction writes data into the entire 256
´8
memory cells in the programming enable mode. After
the write-all instruction set has been issued, the data
writing is activated by a falling edge of CS. Since the in-
ternal auto-timing generator provides all timing signals
for the write-all operation, so the SK clock is not re-
quired. During the internal write-all operation, we can
verify the busy/ready status if CS is high. The DO will re-
main low but when the operation is over the DO will re-
turn to high and further instruction can be executed.
EECR Control Timing Diagrams
· READ
· EWEN/EWDS
· WRITE
C S
S K
D O
0
D I
S t a r t b i t
1
( 1 )
t C D S
*
* A d d r e s s p o i n t e r a u t o m a t i c a l l y c y c l e s t o t h e n e x t w o r d
0
A N
A 0
D 0 D X
D X
M o d e
A N
D X
( X 8 )
A 7
D 7
1
1
C S
S K
S t a n d b y
D I
0
( 1 )
0
S t a r t b i t
1 1 = E W E N
0 0 = E W D S
C S
S K
D O
S t a n d b y
D I
1
( 1 )
t S V
t P R
t C D S
V e r i f y
0
B u s y
R e a d y
S t a r t b i t
A N A N - 1 A N - 2
A 1
D 0
A 0
D X
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com