Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1627C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1627C/D
Description  5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1627C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1627C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 12Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 13Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 14Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 15Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MAX1626/MAX1627
5V/3.3V or Adjustable,
100% Duty-Cycle, High-Efficiency,
Step-Down DC-DC Controllers
Maxim Integrated | 15
www.maximintegrated.com
Chip Topography
( ) ARE FOR MAX1627
TRANSISTOR COUNT: 375
SUBSTRATE CONNECTED TO V+
REF
0.105"
(2.63mm)
0.081"
(2.06mm)
VCC
CS
EXT
GND
GND
OUT
SHDN
3/5
(FB)
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
8 SO
S8-4
21-0041
90-0096
Package Information
For the latest package outline information and land patterns (foot-
prints), go to www.maximintegrated.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com