Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1627C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1627C/D
Description  5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1627C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1627C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MAX1626/MAX1627
5V/3.3V or Adjustable,
100% Duty-Cycle, High-Efficiency,
Step-Down DC-DC Controllers
Maxim Integrated | 3
www.maximintegrated.com
Electrical Characteristics
Note 1: V+ must exceed VOUT to maintain regulation.
Note 2: Specifications from 0°C to -40°C are guaranteed by design, not production tested.
V+ = SHDN = 16.5V (shutdown)
Operating, no load
ILOAD = 0µA
MAX1627
Circuit of Figure 1,
3/5 = V+
MAX1626,
3/5 = V+, output forced to 5V
MAX1627, includes hysteresis
CONDITIONS
µA
2
IOUT
Supply Current into V+
100
V
3.0
16.5
V+
Input Voltage
V
1.25
1.35
Reference
mV
80
120
CS Threshold Voltage
nA
050
FB Leakage Current
V
2.9
Undervoltage Lockout
4.80
5.20
µA
24
50
IOUT
OUT Input Current
V
1.25
1.35
FB Threshold Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Circuit of Figure 1,
3/5 = 0V
V
3.16
3.44
VOUT
Output Voltage
100
0
0.1m
100m
1
1m
10m
10
EFFICIENCY vs. LOAD CURRENT
(VOUT = +3.3V)
20
10
LOAD CURRENT (A)
40
30
60
50
70
80
90
A: V+ = +4.3V
B: V+ = +5V
C: V+ = +8V
D: V+ = +10V
E: V+ = +12V
F: V+ = +15V
CIRCUIT OF FIGURE 1
A
B
C
D E F
100
0
0.1m
100m
1
1m
10m
10
EFFICIENCY vs. LOAD CURRENT
(VOUT = +5V)
20
10
LOAD CURRENT (A)
40
30
60
50
70
80
90
A: V+ = +6V
B: V+ = +8V
C: V+ = +10V
D: V+ = +12V
E: V+ = +15V
CIRCUIT OF FIGURE 1
A
B
C
D E
0.45
0
0
0.5
1.0
1.5
2.0
2.5
DROPOUT VOLTAGE
vs. LOAD CURRENT
0.05
0.10
0.35
0.25
0.30
0.40
LOAD (A)
0.20
0.15
3.3V SETTING
VOUT = +3.17V
5V SETTING
VOUT = +4.8V
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com