Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4098-2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4098-2
Description  50 V, 1 MHz, 165 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4098-2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4098-2 Datasheet HTML 17Page - Analog Devices ADA4098-2 Datasheet HTML 18Page - Analog Devices ADA4098-2 Datasheet HTML 19Page - Analog Devices ADA4098-2 Datasheet HTML 20Page - Analog Devices ADA4098-2 Datasheet HTML 21Page - Analog Devices ADA4098-2 Datasheet HTML 22Page - Analog Devices ADA4098-2 Datasheet HTML 23Page - Analog Devices ADA4098-2 Datasheet HTML 24Page - Analog Devices ADA4098-2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Data Sheet
ADA4098-1/ADA4098-2
THEORY OF OPERATION
analog.com
Rev. A | 21 of 33
INPUT PROTECTION
The inputs are protected against temporary voltage excursions to
20 V below –VS (see Figure 55) by internal 880 Ω resistors (see
Figure 54). These resistors limit the current in the series D1 diode
and D2 diode that are tied to the bases of the Q1 and Q2 tran-
sistors, respectively. Adding additional external series resistance
extends the protection to >20 V below −VS, at the cost of stability
and added thermal noise. The input stage of the ADA4098-1 and
ADA4098-2 incorporates phase reversal protection to prevent the
output from phase reversing for inputs below −VS. The ADA4098-1
and ADA4098-2 op amps do not have clamping diodes between
the inputs and can be differentially overdriven up to 80 V without
damage, inducing parametric shifts, or drawing appreciable input
current. Figure 56 summarizes the input fault types that can be
applied to the ADA4098-1 and ADA4098-2 without compromising
input integrity.
Figure 55. ADA4098-1 and ADA4098-2 as Unity-Gain Buffer with Noninverting
Input Driven Beyond the Supply (VSY = 5 V)
Figure 56. ADA4098-1 and ADA4098-2 Fault Tolerant Conditions
OVER-THE-TOP OPERATION
CONSIDERATIONS
When the ADA4098-1 and ADA4098-2 input common-modes are
biased near or >+VS supply, the amplifiers operate in the Over-The-
Top configuration. The differential input pair that controls amplifier
operation is the common base pair, Q3 to Q6 (see Figure 54).
Input bias currents change from <±700 pA in normal operation to
approximately 8 μA in Over-The-Top operation when the input stage
transitions from common emitter to common base. The Over-The-
Top input bias currents are well matched, and the associated offset
is typically <50 nA. Ensure that the impedance connected to the
inverting and noninverting inputs is well matched to avoid any input
bias current induced voltage offsets.
Differential input impedance, RIN (see Figure 57), decreases from
>1 MΩ in normal operation to ~7 kΩ in Over-The-Top operation
(see Table 1 and Table 2).
Figure 57. Difference Amplifier Configured for Normal Operation and Over-
The-Top Operation (RI Is a Gain Setting Resistor)
This RIN resistance appears across the summing nodes in Over-
The-Top operation due to the configuration of the common base
input stage.
The RIN value is derived from the specified IB that flows to the op
amp inputs, as expressed in the following equation:
RIN = 2kT/(qIB)
where:
k is Boltzmann’s constant.
T is the operating temperature.
q is the charge of an electron.
IB is the operating input bias current in Over-The-Top operation.
The inputs are biased proportional to absolute temperature. There-
fore, RIN is relatively constant with temperature. This resistance
appears across the summing nodes of the amplifier, which is forced
to 0 V differentially by the feedback action of the amplifiers and
can seem relatively harmless. However, depending on the configu-
ration, this input resistance can boost the noise gain, lower overall
amplifier loop gain and closed-loop bandwidth, and raise output
noise. The singular benefit of this configuration is an increase in
closed-loop amplifier stability.
In normal mode (−VS < VCM < +VS −1.25 V), RIN is typically large
compared to the value of the gain setting resistors (RF and RI), and
RIN can be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com