Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4098-2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4098-2
Description  50 V, 1 MHz, 165 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4098-2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4098-2 Datasheet HTML 19Page - Analog Devices ADA4098-2 Datasheet HTML 20Page - Analog Devices ADA4098-2 Datasheet HTML 21Page - Analog Devices ADA4098-2 Datasheet HTML 22Page - Analog Devices ADA4098-2 Datasheet HTML 23Page - Analog Devices ADA4098-2 Datasheet HTML 24Page - Analog Devices ADA4098-2 Datasheet HTML 25Page - Analog Devices ADA4098-2 Datasheet HTML 26Page - Analog Devices ADA4098-2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Data Sheet
ADA4098-1/ADA4098-2
APPLICATIONS INFORMATION
analog.com
Rev. A | 23 of 33
LARGE RESISTOR GAIN OPERATION
The ADA4098-1 and ADA4098-2 have approximately 4 pF of input
capacitance.
The parallel combination of RF and RG on the inverting input can
combine with this input capacitance (CIN) to form a pole that can
reduce bandwidth, cause frequency response peaking, or produce
oscillations (see Figure 59). To mitigate these consequences, place
a feedback capacitor (CF) with a value of CF > CIN(RG/RF) in paral-
lel with RF for summing node impedances >20 kΩ (RF||RG > 20
kΩ). This capacitor placement cancels the input pole and optimizes
dynamic performance (see Figure 58).
For applications where the noise gain is unity (RG→∞), and the
feedback resistor exceeds 20 kΩ, CF ≥ CIN. Optimize PCB layouts
to keep layout related summing node capacitance to an absolute
minimum.
Figure 58. Inverting Gain Schematic
Figure 59. Inverting Gain of 1, Small Signal Frequency Response, RF = RG =
100 kΩ
RECOMMENDED VALUES FOR VARIOUS
GAINS
Table 9 is a reference for determining various recommended gains
and associated noise performance. The total impedance seen at
the inverting input is kept to <20 kΩ for gains >1 to maintain ideal
small signal bandwidth.
Table 9. Gains and Associated Recommended Resistor Values (TA = 25°C)
Gain RG (kΩ)
RF (kΩ)
CF (pF)
Approximate −3 dB Frequency (MHz)
Total System Noise (nV/√Hz at 1 kHz), Referred to Input
+1
Not applicable
0
Not applicable
1.5
16.5
+2
4.99
4.99
0
0.67
16.9
+2
100
100
3.9
0.56
32.4
+5
4.99
20
0
0.26
18.1
+10
4.99
45.3
0
0.13
17.7
−1
100
100
3.9
0.38
64.8
−1
4.99
4.99
0
0.72
16.9
−2
4.99
10
0
0.45
26.2
−5
4.99
24.9
0
0.22
21.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com