Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4239 Datasheet(PDF) 17 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT4239 Datasheet HTML 13Page - Analog Devices LT4239 Datasheet HTML 14Page - Analog Devices LT4239 Datasheet HTML 15Page - Analog Devices LT4239 Datasheet HTML 16Page - Analog Devices LT4239 Datasheet HTML 17Page - Analog Devices LT4239 Datasheet HTML 18Page - Analog Devices LT4239 Datasheet HTML 19Page - Analog Devices LT4239 Datasheet HTML 20Page - Analog Devices LT4239 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT4239
17
Rev. 0
For more information www.analog.com
Thus, the maximum power dissipated in the MOSFET M1
during active current limiting is 5.6A • 12V = 67.2W for
100µs. The SOA curve of the PSMN6R1-30YLD shows
500W (50A at 10V) for 100µs, satisfying this requirement.
The start-up timer capacitor (CST) determines the total
time allowed for a successful startup from the completion
of the debounce to the start of the PG timer. For the STMR
ramp-up time of 200ms which is 2 times longer than the
time before the PG timer starts (Equation 9).
CST = 200ms • 0.008[µF⁄ms]≅ 1.6µF
(9)
Since the MOSFET M2 turns on only after the load capaci-
tor is fully charged through M1, the MOSFET is selected to
handle the power dissipation during active current limiting
for 100µs.
Use Equation 10 to calculate the maximum short-circuit
current using the maximum active current limit threshold,
∆VSENSE2(ACL)(MAX) and minimum RS2 value where there
are 12 parallel 1mΩ sense resistors for RS2.
ISHORT2(MAX) =
∆VSENSE2(ACL)(MAX)
RS2(MIN) ⁄ 12
=
17mV
0.99mΩ⁄ 12
= 206A
(10)
If the output is shorted to a voltage below 3.7V, the MOSFET
M2 will be turned off instantly without active current limit-
ing and the fault is latched-off. Thus, the maximum power
dissipated in the MOSFET during active current limiting
if the 12V output collapsed to 4V is 206A • (12V – 4V) =
1648W for 100µs. Though the MOSFETs operate in par-
allel during active current limiting, they only provide the
SOA of a single MOSFET due to offset mismatch between
the gate thresholds. The MOSFET with the lowest thresh-
old may carry more current than the others and as it gets
hotter, it carries even more current since threshold voltage
has a negative temperature coefficient. The SOA curve of
the PSMN1R0-25YLD shows 2500W (250A at 10V) for
100µs, satisfying this requirement.
Another selection criterion is to use a smaller RDS(ON) of
1mΩ or less for the MOSFET to minimize the voltage drop
keeping the power dissipation within limits at maximum
load current. In the design, eight MOSFETs in parallel are
used to reduce the dissipated power in each MOSFET. The
effective RDS(ON) is kept low enough to avoid triggering
the FET-Bad fault threshold.
The fault timer capacitor (CFT) at CBTMR pin is used
to prevent power dissipation in the MOSFET M2 from
exceeding its SOA rating during an overcurrent fault. Use
Equation 11 to calculate the worst-case short-circuit cur-
rent during the fault timer period before active current
limiting is activated.
ISHORT2(WORST) =
∆VSENSE2(ACL)(MAX) – ∆VSENSE2(CB)(MIN)
RS2(MIN) ⁄ 12
ISHORT2(WORST) =
17mV
− 9.5mV
0.99mΩ⁄ 12
= 91A
(11)
Assuming the short-circuit current is divided equally
amongst the eight parallel MOSFETs, the maximum power
dissipated in each MOSFET during the fault timer period if
the 12V output collapsed to 4V is (91A/8) • (12V – 4V) =
91W. The SOA curve of the PSMN1R0-25YLD shows
200W (20A at 10V) for 10ms.
The MOSFET’s SOA rating requirement is satisfied for a
fault timer period of 5ms (Equation 12).
CFT = 5ms • 0.008[µF⁄ms] ≅ 47nF
(12)
Finally, select the values for the resistive voltage divider
at the UV pin that defines the undervoltage threshold of
9.7V for the 12V supply. Since the leakage current for the
UV pin can be as high as ±1µA, the total resistance in the
divider should be low enough to minimize the resulting
offset error. Calculate the bottom resistor R1 based on
Equation 13 to obtain less than ±0.2% error due to leak-
age current.
R1
=
VUV(TH)
I(LEAK)
⎛
⎝
⎜
⎞
⎠
⎟ • 0.2% =
1.232V
1µA
⎛
⎝⎜
⎞
⎠⎟
• 0.2%
= 2.4k (13)
Choose R1 to be 2kΩ to achieve less than ±0.2% error and
then solving Equation 14 for R2, results in R2 = 13.7kΩ.
R2
=
VIN(UV)
VUV(TH)
− 1
⎛
⎝
⎜
⎞
⎠
⎟ •R1
R2
=
9.7V
1.232V
− 1
⎛
⎝⎜
⎞
⎠⎟
• 2k
= 13.7k
(14)
A 0.1µF capacitor C2 is placed on the UV pin to prevent
supply glitches from turning off the MOSFETs.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com