Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8545 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8545
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8545 Datasheet HTML 10Page - NXP Semiconductors PCF8545 Datasheet HTML 11Page - NXP Semiconductors PCF8545 Datasheet HTML 12Page - NXP Semiconductors PCF8545 Datasheet HTML 13Page - NXP Semiconductors PCF8545 Datasheet HTML 14Page - NXP Semiconductors PCF8545 Datasheet HTML 15Page - NXP Semiconductors PCF8545 Datasheet HTML 16Page - NXP Semiconductors PCF8545 Datasheet HTML 17Page - NXP Semiconductors PCF8545 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
When the internal clock is used, or an external clock with EFR = 1, the LCD frame
frequency can be programmed by software in steps of approximately 10 Hz in the
range of 60 Hz to 300 Hz (see Table 17). Furthermore the internal oscillator is factory
calibrated, see Table 33.
7.1.5 Command: set-MUX-mode
The multiplex drive mode is configured with the bits described in Table 14.
Bit
Symbol
Value
Description
7 to 2
-
0000 00
fixed value
00[1], 01
1:8 multiplex drive mode; eight backplanes
10
1:6 multiplex drive mode; 6 backplanes
1 to 0
M[1:0]
11
1:4 multiplex drive mode; 4 backplanes
Table 14. Set-MUX-mode - set multiplex drive mode command bit description
[1]
Default value.
7.1.6 Command: set-bias-mode
The set-bias-mode command allows setting the bias level.
Bit
Symbol
Value
Description
7 to 2
-
0000 01
fixed value
00[1]. 01
1⁄4 bias
11
1⁄3 bias
1 to 0
B[1:0]
10
1⁄2 bias
Table 15. Set-bias-mode - set bias mode command bit description
[1]
Default value.
7.1.7 Command: frame-frequency
With the frame-frequency command, the frame frequency for the display can be
configured. The clock frequency determines the frame frequency.
Bit
Symbol
Value
Description
7 to 5
-
001
fixed value
4 to 0
FD[4:0]
see Table 17
frequency prescaler
Table 16. Frame-frequency - frame frequency and output clock frequency command bit
description
When using an
external clock it can be either a 230 kHz or a 9.6 kHz clock signal. The
EFR bit (see Table 9) has to be set according to the external clock frequency.
When EFR is set to 9.6 kHz, then the LCD frame frequency is calculated with Equation 1:
(1)
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
14 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com