Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BVS0014 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BVS0014
Description  Machine Vision
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BVS0014 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BVS0014 Datasheet HTML 1Page - Balluff Korea Ltd. BVS0014 Datasheet HTML 2Page - Balluff Korea Ltd. BVS0014 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Machine Vision
BVS OI-3-101-E
Order Code: BVS0014
Internet
www.balluff.com
eCl@ss 9.1: 27-31-02-01
Subject to change without notice: 222222
ETIM 6.0: EC001820
BVS0014_0.47_2021-04-13
1 / 3
1) Teach-in reference image, 2) Operating voltage, 3) Output 1 active, 4) Output 2 active, 5) Connection with PC, 6)
Focus
Basic features
Approval/Conformity
cULus
CE
EAC
WEEE
Frame rate
3…15 Hz
Image resolution
640 x 480 pixels
Pixel size
6.0 x 6.0 µm
Sensor type Vision
CMOS image sensor black-white
Style
Square
Connection 90°
Display/Operation
Adjuster
Adjusting ring
button
Setting
Teach-in reference image
Image sharpness
Electrical connection
Connection 1
M12x1-Male, 8-pin, A-coded
Connection 2
M12x1-Male, 4-pin, D-coded
Contact, surface protection
Gold plated
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Input function
Program select
Trigger
Line-induced noise
3A
No-load current Io max. at Ue
200 mA
Operating voltage Ub
22...26 VDC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
10 ms
Voltage drop Ud max. at Ie
1.8 V
Environmental conditions
Ambient temperature
-10...55 °C
EN 60068-2-27, Shock
Half-sinus, 100 gn, 2 ms, 3x8000
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
…2000 Hz, amplitude 1 mm, 30
gn, 3x5 h
IP rating
IP54
n
10


Similar Part No. - BVS0014

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BVS0012 BALLUFF-BVS0012 Datasheet
144Kb / 3P
Machine Vision
0.44_2021-04-12
BVS0013 BALLUFF-BVS0013 Datasheet
144Kb / 3P
Machine Vision
0.51_2021-04-13
BVS0015 BALLUFF-BVS0015 Datasheet
144Kb / 3P
Machine Vision
0.4_2021-04-13
BVS0016 BALLUFF-BVS0016 Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-13
BVS0017 BALLUFF-BVS0017 Datasheet
144Kb / 3P
Machine Vision
0.44_2021-04-13
More results

Similar Description - BVS0014

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE0103 BALLUFF-BAE0103 Datasheet
109Kb / 2P
Machine Vision
BVS0016 BALLUFF-BVS0016 Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-13
BVS0037 BALLUFF-BVS0037 Datasheet
156Kb / 2P
Machine Vision
1.32_2021-07-17
BVS000E BALLUFF-BVS000E Datasheet
144Kb / 3P
Machine Vision
0.42_2021-04-13
BVS000F BALLUFF-BVS000F Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-26
BVS000K BALLUFF-BVS000K Datasheet
144Kb / 3P
Machine Vision
0.44_2021-04-13
BVS001L BALLUFF-BVS001L Datasheet
179Kb / 3P
Machine Vision
0.51_2021-04-13
BVS001M BALLUFF-BVS001M Datasheet
179Kb / 3P
Machine Vision
0.46_2021-04-13
BVS002F BALLUFF-BVS002F Datasheet
162Kb / 2P
Machine Vision
0.105_2021-04-27
BVS003K BALLUFF-BVS003K Datasheet
144Kb / 2P
Machine Vision
1.34_2021-04-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com