Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BVS0014 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BVS0014
Description  Machine Vision
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BVS0014 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BVS0014 Datasheet HTML 1Page - Balluff Korea Ltd. BVS0014 Datasheet HTML 2Page - Balluff Korea Ltd. BVS0014 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Machine Vision
BVS OI-3-101-E
Order Code: BVS0014
Internet
www.balluff.com
eCl@ss 9.1: 27-31-02-01
Subject to change without notice: 222222
ETIM 6.0: EC001820
BVS0014_0.47_2021-04-13
2 / 3
Functional Characteristics
Features per inspection, number
max.
255
Field of view max.
480 x 360 mm
Field of view min.
24 x 18 mm
Focal length
8.0 mm
Inspections, number max.
20
LED group per IEC 62471
Exempt Group
Light type
Infrared
MTTF (40 °C)
195 a
Special optical feature
Incident light, can be disabled
Infrared transmission filter,830 nm
Wave length
870 nm
Interface
Duration of time function
Impulse 1…1000 ms or infinite
Interface
Ethernet 10/100 Base T
Supplementary output
Trigger output PNP
Switching output
3x PNP normally open (NO)
Time function
On/off delay
Single pulse
Material
Housing material
Aluminum, Die casting, Painted
ABS
Material sensing surface
PMMA
Surface protection
Painted
Mechanical data
Dimension
51.5 x 70 x 40 mm
Mounting part
Screw M4
Range/Distance
Operating Distance
50...1000 mm
Remarks
Do not press key using a pointed tool.
Order accessories separately.
For additional information, refer to user's guide.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Appropriate connectors can be obtained from Balluff.
Use of external illumination recommended for working distances greater than 300 mm .
Detection rate is dependent on the evaluation function.
Interface plug, if n.c. protect against ingress of dust, dirt and liquids. Cover cap included.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com