Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9162BBCZ Datasheet(PDF) 92 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 92 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 88Page - Analog Devices AD9162BBCZ Datasheet HTML 89Page - Analog Devices AD9162BBCZ Datasheet HTML 90Page - Analog Devices AD9162BBCZ Datasheet HTML 91Page - Analog Devices AD9162BBCZ Datasheet HTML 92Page - Analog Devices AD9162BBCZ Datasheet HTML 93Page - Analog Devices AD9162BBCZ Datasheet HTML 94Page - Analog Devices AD9162BBCZ Datasheet HTML 95Page - Analog Devices AD9162BBCZ Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 92 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
0x006 SPI_CHIPGRADE
[7:4] PROD_GRADE
Product grade.
0x0
R
[3:0] DEV_REVISION
Device revision.
0x0
R
0x020 IRQ_ENABLE
[7:5] RESERVED
Reserved.
0x0
R
4
EN_SYSREF_JITTER
Enable SYSREF± jitter interrupt. 0x0
R/W
0 Disable interrupt.
1 Enable interrupt.
3
EN_DATA_READY
Enable JESD204x receiver ready
(JRX_DATA_READY) low
interrupt
0x0
R/W
0 Disable interrupt.
1 Enable interrupt.
2
EN_LANE_FIFO
Enable lane FIFO overflow/
underflow interrupt.
0x0
R/W
0 Disable interrupt.
1 Enable interrupt.
1
EN_PRBSQ
Enable PRBS imaginary error
interrupt.
0x0
R/W
0 Disable interrupt.
1 Enable interrupt.
0
EN_PRBSI
Enable PRBS real error interrupt 0x0
R/W
0 Disable interrupt.
1 Enable interrupt.
0x024 IRQ_STATUS
[7:5] RESERVED
Reserved.
0x0
R
4
IRQ_SYSREF_JITTER
SYSREF± jitter is too big.
Writing 1 clears the status.
0x0
R/W
3
IRQ_DATA_READY
JRX_DATA_READY is low.
Writing 1 clears the status.
0x0
R/W
0 No warning.
1 Warning detected.
2
IRQ_LANE_FIFO
Lane FIFO overflow/underflow.
Writing 1 clears the status.
0x0
R/W
0 No warning.
1 Warning detected.
1
IRQ_PRBSQ
PRBS imaginary error. Writing 1
clears the status.
0x0
R/W
0 No warning.
1 Warning detected.
0
IRQ_PRBSI
PRBS real error. Writing 1 clears
the status.
0x0
R/W
0 No warning.
1 Warning detected.
0x031 SYNC_LMFC_DELAY_FRAME
[7:5] RESERVED
Reserved.
0x0
R
[4:0] SYNC_LMFC_DELAY_SET_FRM
Desired delay from rising edge
of SYSREF± input to rising edge
of LMFC in frames.
0x0
R/W
0x032 SYNC_LMFC_DELAY0
[7:0] SYNC_LMFC_DELAY_SET[7:0]
Desired delay from rising edge
of SYSREF± input to rising edge
of LMFC in DAC clock units.
0x0
R/W
0x033 SYNC_LMFC_DELAY1
[7:4] RESERVED
Reserved.
0x0
R
[3:0] SYNC_LMFC_DELAY_SET[11:8]
Desired delay from rising edge
of SYSREF± input to rising edge
of LMFC in DAC clock units.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com