Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9162BBCZ Datasheet(PDF) 97 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 93Page - Analog Devices AD9162BBCZ Datasheet HTML 94Page - Analog Devices AD9162BBCZ Datasheet HTML 95Page - Analog Devices AD9162BBCZ Datasheet HTML 96Page - Analog Devices AD9162BBCZ Datasheet HTML 97Page - Analog Devices AD9162BBCZ Datasheet HTML 98Page - Analog Devices AD9162BBCZ Datasheet HTML 99Page - Analog Devices AD9162BBCZ Datasheet HTML 100Page - Analog Devices AD9162BBCZ Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 97 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
0x095 DLL_FINE
[7:0] DLL_FINE
Fine delay line setpoint.
0x80
R/W
0x096 DLL_PHASE
[7:5] RESERVED
Reserved.
0x0
R
[4:0] DLL_PHS
Desired phase.
0x8
R/W
0 Minimum allowed phase.
16 Maximum allowed phase.
0x097 DLL_BW
[7:5] RESERVED
Reserved.
0x0
R
[4:2] DLL_FILT_BW
Phase measurement filter
bandwidth.
0x0
R/W
[1:0] DLL_WEIGHT
Tracking speed.
0x0
R/W
0x098 DLL_READ
[7:1] RESERVED
Reserved.
0x0
R
0
DLL_READ
Read request: 0 to 1 transition
updates the coarse, fine, and
phase readback values.
0x0
R/W
0x099 DLL_COARSE_RB
[7:6] RESERVED
Reserved.
0x0
R
[5:0] DLL_COARSE_RB
Coarse delay line readback.
0x0
R
0x09A DLL_FINE_RB
[7:0] DLL_FINE_RB
Fine delay line readback.
0x0
R
0x09B DLL_PHASE_RB
[7:5] RESERVED
Reserved.
0x0
R
[4:0] DLL_PHS_RB
Phase readback.
0x0
R
0x09D DIG_CLK_INVERT
[7:3] RESERVED
Reserved.
0x0
R
2
INV_DIG_CLK
Invert digital clock from DLL.
0x0
R/W
0 Normal polarity.
1 Inverted polarity.
1
DIG_CLK_DC_EN
Digital clock duty cycle
correction enable.
0x1
R/W
0
DIG_CLK_XC_EN
Digital clock cross control
enable.
0x1
R/W
0x0A0 DLL_CLK_DEBUG
7
DLL_TEST_EN
DLL clock output test enable.
0x0
R/W
[6:2] RESERVED
Reserved.
0x0
R
[1:0] DLL_TEST_DIV
DLL clock output divide.
0x0
R/W
0x110 INTERP_MODE
[7:4] JESD_LANES
Number of JESD204B lanes. For
proper operation of the
JESD204B data link, this signal
must only be programmed
while the QBD is held in soft
reset (Register 0x475, Bit 3), and
must not be changed during
normal operation.
0x8
R/W
[3:0] INTERP_MODE
Interpolation mode. For proper
operation of the JESD204B data
link, this signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x1
R/W
0000 1× (bypass) (this mode is not
supported in the
AD9161).
0001 2×.
0010 3×.
0011 4×.
0100 6×.
0101 8×.
0110 12×.
0111 16×.
1000 24×.
0x111 DATAPATH_CFG
7
INVSINC_EN
Inverse sinc filter enable.
0x0
R/W
0 Disable inverse sinc filter.
1 Enable inverse sinc filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com