Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9697 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9697
Description  14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9697 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9697 Datasheet HTML 12Page - Analog Devices AD9697 Datasheet HTML 13Page - Analog Devices AD9697 Datasheet HTML 14Page - Analog Devices AD9697 Datasheet HTML 15Page - Analog Devices AD9697 Datasheet HTML 16Page - Analog Devices AD9697 Datasheet HTML 17Page - Analog Devices AD9697 Datasheet HTML 18Page - Analog Devices AD9697 Datasheet HTML 19Page - Analog Devices AD9697 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 130 page
background image
AD9697
Data Sheet
Rev. 0 | Page 16 of 130
0
–140
0
200
400
600
–90
–40
FREQUENCY (MHz)
fIN1 = 343.5MHz
fIN2 = 346.5MHz
IMD = –82dBFS
BUFFER CURRENT = 300µA
Figure 18. Two-Tone FFT; fIN1 = 343.5 MHz, fIN2 = 346.5 MHz
120
–40
–100
0
ANALOG INPUT AMPLITUDE (dBFS)
–20
0
20
40
60
80
100
–80
–60
–40
–20
SFDR (dBFS)
SNRFS
SNR (dBc)
SFDR (dBc)
Figure 19. SNR/SFDR vs. Analog Input Amplitude, fIN = 172.3 MHz
10
–130
–95
–15
ANALOG INPUT AMPLITUDE (dB)
SFDR (dBFS)
SFDR (dBc)
IMD3 (dBc)
IMD3 (dBFS)
–110
–90
–70
–50
–30
–10
–75
–55
–35
Figure 20. SFDR/IMD3 vs. Analog Input Amplitude, fIN = 172.3 MHz
85
60
–40
110
JUNCTION TEMPERATURE (°C)
65
70
75
80
10
60
SNR
SFDR
Figure 21. SNR/SFDR vs. Junction Temperature, fIN = 172.3 MHz
2
–4
0
5000
10000
15000
OUTPUT CODE
–3
–2
–1
0
1
Figure 22. INL, fIN = 10.3 MHz
0.3
–0.4
0
5000
10000
15000
OUTPUT CODE
–0.3
–0.2
–0.1
0
0.1
0.2
Figure 23. DNL, fIN = 10.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com