Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9697 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9697
Description  14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9697 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9697 Datasheet HTML 17Page - Analog Devices AD9697 Datasheet HTML 18Page - Analog Devices AD9697 Datasheet HTML 19Page - Analog Devices AD9697 Datasheet HTML 20Page - Analog Devices AD9697 Datasheet HTML 21Page - Analog Devices AD9697 Datasheet HTML 22Page - Analog Devices AD9697 Datasheet HTML 23Page - Analog Devices AD9697 Datasheet HTML 24Page - Analog Devices AD9697 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 130 page
background image
Data Sheet
AD9697
Rev. 0 | Page 21 of 130
THEORY OF OPERATION
The AD9697 has a single analog input channel and up to four
JESD204B output lane pairs. The ADC samples wide bandwidth
analog signals of up to 2 GHz. The actual −3 dB roll-off of the
analog inputs is 2 GHz. The AD9697 is optimized for wide input
bandwidth, high sampling rate, excellent linearity, and low
power in a small package.
The ADC core features a multistage, differential pipelined
architecture with integrated output error correction logic. The
ADC features wide bandwidth inputs supporting a variety of
user-selectable input ranges. An integrated voltage reference
eases design considerations.
The AD9697 has several functions that simplify the AGC
function in a communications receiver. The programmable
threshold detector allows monitoring of the incoming signal
power using the fast detect output bits of the ADC. If the input
signal level exceeds the programmable threshold, the fast detect
indicator goes high. Because this threshold indicator has low
latency, the user can quickly turn down the system gain to avoid
an overrange condition at the ADC input.
The Subclass 1 JESD204B-based high speed, serialized output data
lanes can be configured in one-lane (L = 1), two-lane (L = 2),
and four-lane (L = 4) configurations, depending on the sample
rate and the decimation ratio. Multiple device synchronization
is supported through the SYSREF± and SYNCINB± input pins.
The SYSREF± pin in the AD9697 can also be used as a timestamp
of data as it passes through the ADC and out of the JESD204B
interface.
ADC ARCHITECTURE
The architecture of the AD9697 consists of an input buffered
pipelined ADC. The input buffer provides a termination
impedance to the analog input signal. This termination
impedance is set to 200 Ω. The equivalent circuit diagram of the
analog input termination is shown in Figure 33. The input
buffer is optimized for high linearity, low noise, and low power
across a wide bandwidth.
The input buffer provides a linear high input impedance (for
ease of drive) and reduces kickback from the ADC. The quantized
outputs from each stage are combined into a final 14-bit result
in the digital correction logic. The pipelined architecture permits
the first stage to operate with a new input sample; at the same
time, the remaining stages operate with the preceding samples.
Sampling occurs on the rising edge of the clock.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9697 is a differential buffer. The
internal common-mode voltage of the buffer is 1.41 V. The
clock signal alternately switches the input circuit between
sample mode and hold mode.
Either a differential capacitor or two single-ended capacitors (or
a combination of both) can be placed on the inputs to provide a
matching passive network. These capacitors ultimately create a
low-pass filter that limits unwanted broadband noise. For more
information, refer to the Analog Dialogue article “Transformer-
Coupled Front-End for Wideband A/D Converters”
(Volume 39, April 2005). In general, the precise front-end
network component values depend on the application.
Figure 44 shows the differential input return loss curve for the
analog inputs across a frequency range of 1 MHz to 10 GHz.
The reference impedance is 100 Ω.
1
2
3
4
5
6
1: 1.000MHz
170.59nF
2: 100.000 MHz
45.72pF
3: 200.000MHz
12.07pF
4: 300.000MHz
6.49pF
5: 400.000MHz
4.70pF
6: 500.000MHz
4.00pF
182.88Ω
–932.98mΩ
177.37Ω
–34.81Ω
157.29Ω
–65.95Ω
128.82Ω
–81.70Ω
102.55Ω
–84.58Ω
82.01Ω
–79.60Ω
CH1 AVG = 1
> CH1: START 1.0MHz
STOP 10.0000GHz
Figure 44. Different Input Return Loss
For best dynamic performance, the source impedances driving
VIN+ and VIN− must be matched such that any common-
mode settling errors are symmetrical. These errors are reduced
by the common-mode rejection of the ADC. An internal reference
buffer creates a differential reference that defines the span of the
ADC core.
Maximum SNR performance is achieved by setting the ADC to
the largest span in a differential configuration. For the AD9697,
the available span is programmable through the SPI port from
1.36 V p-p to 2.04 V p-p differential, with 1.59 V p-p
differential being the default.
Differential Input Configurations
There are several ways to drive the AD9697, either actively or
passively. Optimum performance is achieved by driving the
analog input differentially.
For applications where SNR and SFDR are key parameters,
differential transformer coupling is the recommended input
configuration (see Figure 45 and Table 9) because the noise
performance of most amplifiers is not adequate to achieve the
true performance of the AD9697.
For low to midrange frequencies, a double balun or double
transformer network (see Figure 45 and Table 9) is recommended
for optimum performance of the AD9697. For higher frequencies
in the second or third Nyquist zones, it is recommended to
remove some of the front-end passive components to ensure
wideband operation (see Table 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com