Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8271ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8271ARMZ
Description  Programmable Gain Precision Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8271ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8271ARMZ Datasheet HTML 2Page - Analog Devices AD8271ARMZ Datasheet HTML 3Page - Analog Devices AD8271ARMZ Datasheet HTML 4Page - Analog Devices AD8271ARMZ Datasheet HTML 5Page - Analog Devices AD8271ARMZ Datasheet HTML 6Page - Analog Devices AD8271ARMZ Datasheet HTML 7Page - Analog Devices AD8271ARMZ Datasheet HTML 8Page - Analog Devices AD8271ARMZ Datasheet HTML 9Page - Analog Devices AD8271ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8271
Rev. 0 | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
±18 V
Output Short-Circuit Current
See derating curve in
Figure 2
Input Voltage Range
+VS + 0.4 V to
−VS − 0.4 V
Storage Temperature Range
−65°C to +130°C
Specified Temperature Range
−40°C to +85°C
Package Glass Transition Temperature (TG)
150°C
ESD
Human Body Model
1 kV
Charge Device Model
1 kV
Machine Model
0.1 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
10-Lead MSOP
141.9
43.7
°C/W
The θJA values in Table 6 assume a 4-layer JEDEC standard
board with zero airflow.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the AD8271 is limited
by the associated rise in junction temperature (TJ) on the die. At
approximately 150°C, which is the glass transition temperature,
the properties of the plastic change. Even temporarily exceeding
this temperature limit may change the stresses that the package
exerts on the die, permanently shifting the parametric perfor-
mance of the amplifiers. Exceeding a temperature of 150°C for
an extended period of time can cause changes in silicon devices,
potentially resulting in a loss of functionality.
The AD8271 has built-in short-circuit protection that limits
the output current to approximately 100 mA (see Figure 22 for
more information). Although the short-circuit condition itself
does not damage the part, the heat generated by the condition
can cause the part to exceed its maximum junction temperature,
with corresponding negative effects on reliability.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
–50
–25
0
25
50
75
100
125
AMBIENT TEMPERATURE (C)
TJ MAX = 150°C
Figure 2. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com