Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8271ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8271ARMZ
Description  Programmable Gain Precision Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8271ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8271ARMZ Datasheet HTML 7Page - Analog Devices AD8271ARMZ Datasheet HTML 8Page - Analog Devices AD8271ARMZ Datasheet HTML 9Page - Analog Devices AD8271ARMZ Datasheet HTML 10Page - Analog Devices AD8271ARMZ Datasheet HTML 11Page - Analog Devices AD8271ARMZ Datasheet HTML 12Page - Analog Devices AD8271ARMZ Datasheet HTML 13Page - Analog Devices AD8271ARMZ Datasheet HTML 14Page - Analog Devices AD8271ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8271
Rev. 0 | Page 11 of 20
VS = ±15 V, TA = 25°C, difference amplifier configuration, unless otherwise noted.
–100
–80
–60
40
80
120
–40
0
60
100
–20
20
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
ISHORT+
ISHORT–
Figure 22. Short-Circuit Current vs. Temperature
+VS
+VS – 2
+VS – 4
0
–VS + 4
–VS + 2
–VS
1k
200
10k
RLOAD (Ω)
+85°C
+125°C
+25°C
+25°C
–40°C
–40°C
+85°C
+125°C
Figure 23. Output Voltage Swing vs. RLOAD
0
20
406080
10
–VS + 3
–VS
–VS + 6
+VS – 6
0
+
0
VS
+VS – 3
–40°C
–40°C
+85°C
+125°C
+25°C
+25°C
CURRENT (mA)
+85°C
+125°C
Figure 24. Output Voltage Swing vs. Current (IOUT)
1µs/DIV
0pF
18pF
100pF
VS = ±15V
Figure 25. Small-Signal Step Response, Gain = ½
1µs/DIV
0pF
33pF
220pF
VS = ±15V
Figure 26. Small-Signal Step Response, Gain = 1
1µs/DIV
0pF 100pF
470pF
VS = ±15V
Figure 27. Small-Signal Step Response, Gain = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com