Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2810780 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2810780
Description  Signal conditioner - MINI MCR-SL-SHUNT-UI-NC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2810780 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2810780 Datasheet HTML 1Page - PHOENIX CONTACT 2810780 Datasheet HTML 2Page - PHOENIX CONTACT 2810780 Datasheet HTML 3Page - PHOENIX CONTACT 2810780 Datasheet HTML 4Page - PHOENIX CONTACT 2810780 Datasheet HTML 5Page - PHOENIX CONTACT 2810780 Datasheet HTML 6Page - PHOENIX CONTACT 2810780 Datasheet HTML 7Page - PHOENIX CONTACT 2810780 Datasheet HTML 8Page - PHOENIX CONTACT 2810780 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
https://www.phoenixcontact.com/pi/products/2810780
09/12/2020   Page 1 / 11
Signal conditioner - MINI MCR-SL-SHUNT-UI-NC - 2810780
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
MCR 3-way isolating amplifier, with configurable input/output, for electrical isolation and conversion of analog
signals in the mV range, single-pos. as well as 2-pos. with screw connection, pre-configured
Your advantages
 Power supply possible via the foot element (TBUS)
 Ideal for converting signals for shunt measurements
 Low power consumption
 Highly-compact isolating amplifier for electrical isolation, conversion, amplification, and filtering of mV signals to create standard analog signals
 Up to 280 signal combinations can be configured using DIP switches
 3-way isolation
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356305341
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
93.1 mm
Depth
101.2 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 65 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Maximum altitude
≤ 2000 m


Similar Part No. - 2810780

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28107 ETC2-28107 Datasheet
122Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
PHOENIX CONTACT
2810793 PHOENIX-2810793 Datasheet
317Kb / 12P
Configurable 3-way isolating amplifier
More results

Similar Description - 2810780

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2902026 PHOENIX-2902026 Datasheet
99Kb / 6P
Signal conditioner - MINI MCR-2-UNI-UI-UIRO
2902040 PHOENIX-2902040 Datasheet
98Kb / 6P
Signal conditioner - MINI MCR-2-UI-UI-PT
2902829 PHOENIX-2902829 Datasheet
87Kb / 9P
Signal conditioner - MINI MCR-SL-UI-I-LP-NC
105446 PHOENIX-105446 Datasheet
283Kb / 14P
MINI MCR-RTD-UI-NC
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
2810939 PHOENIX-2810939 Datasheet
102Kb / 6P
Signal conditioner - MCR-C-UI-UI-DCI-NC
09/12/2020
2814867 PHOENIX-2814867 Datasheet
100Kb / 5P
Signal conditioner - MCR-FL-C-UI-2UI-DCI-NC
09/12/2020
2902830 PHOENIX-2902830 Datasheet
79Kb / 8P
Signal conditioner - MINI MCR-SL-UI-I-LP-SP-NC
09/12/2020
2902832 PHOENIX-2902832 Datasheet
133Kb / 9P
Frequency transducer - MINI MCR-SL-F-UI-NC
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com