Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2810780 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2810780
Description  Signal conditioner - MINI MCR-SL-SHUNT-UI-NC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2810780 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2810780 Datasheet HTML 1Page - PHOENIX CONTACT 2810780 Datasheet HTML 2Page - PHOENIX CONTACT 2810780 Datasheet HTML 3Page - PHOENIX CONTACT 2810780 Datasheet HTML 4Page - PHOENIX CONTACT 2810780 Datasheet HTML 5Page - PHOENIX CONTACT 2810780 Datasheet HTML 6Page - PHOENIX CONTACT 2810780 Datasheet HTML 7Page - PHOENIX CONTACT 2810780 Datasheet HTML 8Page - PHOENIX CONTACT 2810780 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
https://www.phoenixcontact.com/pi/products/2810780
09/12/2020   Page 2 / 11
Signal conditioner - MINI MCR-SL-SHUNT-UI-NC - 2810780
Technical data
Ambient conditions
Permissible humidity (operation)
5 % ... 95 % (non-condensing)
Degree of protection
IP20
Noise immunity
EN 61000-6-2 When being exposed to interference, there may be
minimal deviations.
Input data
Number of inputs
1
Configurable/programmable
Yes, unconfigured
Voltage input signal
-50 mV ... 50 mV
-60 mV ... 60 mV
-75 mV ... 75 mV
-80 mV ... 80 mV
-100 mV ... 100 mV
-120 mV ... 120 mV
-150 mV ... 150 mV
-200 mV ... 200 mV
-240 mV ... 240 mV
-300 mV ... 300 mV
-500 mV ... 500 mV
-600 mV ... 600 mV
-750 mV ... 750 mV
-800 mV ... 800 mV
-1 V ... 1 V
-1.2 V ... 1.2 V
-1.5 V ... 1.5 V
-2 V ... 2 V
-2.4 V ... 2.4 V
-3 V ... 3 V
0 mV ... 50 mV
0 mV ... 60 mV
0 mV ... 75 mV
0 mV ... 80 mV
0 mV ... 100 mV
0 mV ... 120 mV
0 mV ... 150 mV
0 mV ... 200 mV
0 mV ... 240 mV
0 mV ... 300 mV
0 mV ... 500 mV
0 mV ... 600 mV
0 mV ... 750 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com