Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9772A-EB Datasheet(PDF) 23 Page - Analog Devices

Part # AD9772A-EB
Description  14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772A-EB Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9772A-EB Datasheet HTML 19Page - Analog Devices AD9772A-EB Datasheet HTML 20Page - Analog Devices AD9772A-EB Datasheet HTML 21Page - Analog Devices AD9772A-EB Datasheet HTML 22Page - Analog Devices AD9772A-EB Datasheet HTML 23Page - Analog Devices AD9772A-EB Datasheet HTML 24Page - Analog Devices AD9772A-EB Datasheet HTML 25Page - Analog Devices AD9772A-EB Datasheet HTML 26Page - Analog Devices AD9772A-EB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AD9772A
Rev. C | Page 23 of 40
1.2V REF
REFIO
FSADJ
CURRENT
SOURCE
ARRAY
250pF
REFLO
AVDD
AD9772A
2kΩ
0.1µF
ADDITIONAL
LOAD
OPTIONAL
EXTERNAL
REF BUFFER
2.7V TO 3.6V
Figure 38. Internal Reference Configuration
The internal reference can be disabled by connecting REFLO to
AVDD. In this case, an external 1.2 V reference, such as the
AD1580, can be applied to REFIO as shown in Figure 39. The
external reference can provide either a fixed reference voltage to
enhance accuracy and drift performance or a varying reference
voltage to improve gain control. Note that the 0.1 μF compensation
capacitor is not required because the internal reference is disabled
and the high input impedance of REFIO minimizes any loading
of the external reference.
+1.2V REF
REFIO
FSADJ
CURRENT
SOURCE
ARRAY
250pF
REFLO
AVDD
AD9772A
AD1580
2.7V TO 3.6V
REFERENCE
CONTROL
AMPLIFIER
RSET
IREF =
VREFIO/RSET
10kΩ
VREFIO
Figure 39. External Reference Configuration
REFERENCE CONTROL AMPLIFIER
The AD9772A also contains an internal control amplifier that is
used to regulate the DAC’s full-scale output current, IOUTFS. The
control amplifier is configured as a V-I converter, as shown in
Figure 39, such that its current output, IREF, is determined by the
ratio of the VREFIO and an external resistor, RSET, as stated in
Equation 4. IREF is copied to the segmented current sources with
the proper scaling factor to set IOUTFS as stated in Equation 3.
The control amplifier allows a wide (10:1) adjustment span of
IOUTFS over a 2 mA to 20 mA range by setting IREF between
62.5 μA and 625 μA. The wide adjustment span of IOUTFS pro-
vides several application benefits. The first benefit relates
directly to the power dissipation of the AD9772A DAC, which
is proportional to IOUTFS (see the Power Dissipation section).
The second benefit relates to the 20 dB adjustment, which is
useful for system gain control purposes.
IREF can be controlled using the single-supply circuit shown in
Figure 40 for a fixed RSET. In this example, the internal refer-
ence is disabled, and the voltage of REFIO is varied over its
compliance range of 1.25 V to 0.10 V. REFIO can be driven by a
single-supply DAC or digital potentiometer, thus allowing IREF
to be digitally controlled for a fixed RSET. This particular example
shows the AD5220, an 8-bit serial input digital potentiometer,
along with the AD1580 voltage reference. Note that because the
input impedance of REFIO does interact with and load the
digital potentiometer wiper to create a slight nonlinearity in the
programmable voltage divider ratio, a digital potentiometer
with 10 kΩ or less resistance is recommended.
1.2V REF
REFIO
FSADJ
CURRENT
SOURCE
ARRAY
250pF
REFLO
AVDD
AD9772A
AD1580
2.7V TO 3.6V
RSET
10kΩ
10kΩ
AD5220
1.2V
Figure 40. Single-Supply Gain Control Circuit
ANALOG OUTPUTS
The AD9772A produces two complementary current outputs,
IOUTA and IOUTB, which can be configured for single-ended or
differential operation. IOUTA and IOUTB can be converted into
complementary single-ended voltage outputs, V
B
OUTA
and VOUTB,
via a load resistor, RLOAD, as described in the
section, by using Equation 5 through Equation 8. The
differential voltage, V
DAC Transfer
Function
DIFF
, existing between VOUTA and VOUTB, can
also be converted to a single-ended voltage via a transformer or
differential amplifier configuration.
Figure 41 shows the equivalent analog output circuit of the
AD9772A, which consists of a parallel combination of PMOS
differential current switches associated with each segmented
current source. The output impedance of IOUTA and IOUTB is
determined by the equivalent parallel combination of the PMOS
switches and is typically 200 kΩ in parallel with 3 pF. Due to the
nature of a PMOS device, the output impedance is also slightly
dependent on the output voltage (that is, V
B
OUTA
and VOUTB) and,
to a lesser extent, the analog supply voltage, AVDD, and full-
scale current, IOUTFS. Although the signal dependency of the
output impedance can be a source of dc nonlinearity and ac
linearity (that is, distortion), its effects can be limited if certain
precautions are taken.
AD9772A
AVDD
IOUTA
RLOAD
RLOAD
IOUTB
Figure 41. Equivalent Analog Output Circuit
IOUTA and IOUTB also have a negative and positive voltage
compliance range. The negative output compliance threshold
of −1.0 V is set by the breakdown limits of the CMOS process.
Operation beyond this maximum limit may result in a breakdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com